Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 69Page - STMicroelectronics STLC5464 Datasheet HTML 70Page - STMicroelectronics STLC5464 Datasheet HTML 71Page - STMicroelectronics STLC5464 Datasheet HTML 72Page - STMicroelectronics STLC5464 Datasheet HTML 73Page - STMicroelectronics STLC5464 Datasheet HTML 74Page - STMicroelectronics STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics STLC5464 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
VIII.29 - Interrupt Register - IR (38)H
bit15
bit8
bit7
bit 0
Nu
Nu
SFCO PRSR
TIM
INT
FOV
INT
FWAR
Tx
FOV
Tx
FWAR
Rx
FOV
Rx
FWAR
ICOV
MTX MRX C/IRX HDLC
After reset (0000)H
This register is read only.
When this register is read by the microprocessor, this register is reset (0000)H.
If not masked, each bit at ”1” generates ”1” on INT0 pin.
HDLC
: HDLC INTERRUPT
HDLC = 1, Tx HDLC or Rx HDLC has generated an interrupt The status is in the HDLC
queue.
C/IRX
: Command/Indicate Rx Interrupt
C/IRX = 1, Rx Commande/Indicate has generated an interrupt. The status is in the HDLC
queue.
MRX
: Rx MONITOR CHANNEL INTERRUPT
MRX = 1, one Rx MONITOR CHANNEL has generated an interrupt.The status is in the Rx
Monitor Channel queue.
MTX
: Tx MONITOR CHANNEL INTERRUPT
MTX = 1, one or several Tx MONITOR CHANNELS have generated an interrupt. Transmit
Monitor Interrupt Register (TMIR) indicates the Tx Monitor Channels which have generated
this interrupt.
ICOV
: INTERRUPT CIRCULAR OVERLOAD
ICOV = 1, One of three circular interrupt memories is completed.
RxFWAR
: Rx DMA CONTROLLER FIFO WARNING
RxFWAR = 1, Rx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
RxFOV
: Rx DMA CONTROLLER FIFO OVERLOAD
RxFOV = 1, Rx DMA CONTROLLER has generatedan interrupt, it cannot transfer data from
Rx HDLC to external memory, its fifo is completed.
TxFWAR
: Tx DMA CONTROLLER FIFO WARNING
TxFWAR = 1, Tx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
TxFOV
: Tx DMA CONTROLLER FIFO OVERLOAD
TxFOV = 1, Tx DMA CONTROLLER has generated an interrupt, it cannot transfer data from
Tx HDLC to external memory, its fifo is completed.
INTFWAR : INTERRUPT CONTROLLER FIFO WARNING
INTFWAR = 1, INTERRUPT CONTROLLER has generated an interrupt, its fifo is 3/4
completed.
INTFOV
: INTERRUPT CONTROLLER FIFO OVERLOAD
INTFOV = 1, INTERRUPT CONTROLLER has generated an interrupt, it cannot transfer
status from DMA and GCI controllers to external memory, its internal fifo is completed.
TIM
: TIMER
TIM = 1, the programmable timer has generated an interrupt.
PRSR
: Pseudo Random Sequence Recovered
PRSR = 1,the Pseudo Random Sequence transmitted by the generatorhas been recovered
by the analyzer.
SFCO
: Sequence Fault Counter Overload
SFCO = 1, the Fault Counter has reached the value FFFF(H).
VIII - INTERNAL REGISTERS (continued)
STLC5464
73/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com