Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 73Page - STMicroelectronics STLC5464 Datasheet HTML 74Page - STMicroelectronics STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics STLC5464 Datasheet HTML 77Page - STMicroelectronics STLC5464 Datasheet HTML 78Page - STMicroelectronics STLC5464 Datasheet HTML 79Page - STMicroelectronics STLC5464 Datasheet HTML 80Page - STMicroelectronics STLC5464 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
IX.3 - Transmit Descriptor
This transmit descriptor is located in shared memory. The quantity of descriptors is limited by the memory
size only.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TDA+00
BINT
BOF
EOF
EOQ
Number of Bytes to be Transmitted (NBT)
TDA+02
Not used
CRC
C
PRI
TBA High (8 bits)
TDA+04
Transmit Buffer Address Low (16 bits)
TDA+06
Not used
NTDA High (8 bits)
TDA+08
Next Transmit Descriptor Address Low (16 bits)
TDA+10
CFT
ABT
UND
The 5 first words located in shared memory to TDA+00 from TDA+08 are written by the microprocessor
and read by the DMAC only. The 6th word located in shared memory in TDA+10 is written by the DMAC
only during the frame reception and read by the microprocessor.
NBT
: Number of Bytes to be transmitted (up to 4096).
TBA
: Transmit Buffer Address. LSB of TBA Low is at Zero mandatory.
TDA
: Transmit Descriptor Address.
NTDA : Next Transmit Descriptor Address. LSB of NTDA Low is at Zero mandatory.
IX.3.1 - Bits written by the Microprocessor only
BINT
: Interrupt at the end of the frame or when the buffer is become empty.
BINT = 1,
if EOF = 1 the DMAC generates an interrupt when the frame has been transmitted ;
if EOF = 0 the DMAC generates an interrupt when the buffer is become empty.
BINT = 0, the DMAC does not generate an interrupt during the transmission of the frame.
BOF
: Beginning Of Frame
BOF = 1,the transmit bufferassociated to this transmit descriptor contains the beginning of frame.
BOF = 0,the transmit buffer associated to this transmit descriptor does not contain the beginning
of frame.
EOF
: End Of Frame
EOF = 1,the transmit buffer associated to this transmit descriptor contains the end of frame.
EOF = 0,the transmit buffer associated to this transmit descriptor does not contain the end of
frame.
EOQ
: End Of Queue
EOQ = 1, the DMAC stops immediately its transmission, generates an interrupt (HDLC = 1 in
IR) and waits a command from the HTCR (HDLC Transmit Command Register).
EOQ = 0, the DMAC continues.
CRCC : CRC Corrupted
CRCC = 1,at the end of this frame the CRC will be corrupted by the Tx HDLC Controller.
PRI
: Priority Class 8 or 10
PRI = 1, if CSMA/CR is validated for this channel, the priority class is 8.
PRI = 0, if CSMA/CR is validated for this channel the priority class is 10.
(see Register CSMA)
IX - EXTERNAL REGISTERS (continued)
STLC5464
77/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com