Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 28Page - STMicroelectronics STLC5464 Datasheet HTML 29Page - STMicroelectronics STLC5464 Datasheet HTML 30Page - STMicroelectronics STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
1
NCE1
0
NCE0
DM8/15
DM0/7
512K x 16
512K x 8
Figure 19 : 512K x 8 SRAM Circuit Memory
Organization
7
NCE 7
5
NCE 5
1
NCE 1
3
NCE 3
6
NCE 6
4
NCE 4
0
NCE 0
2
NCE 2
DM8/15
DM0/7
128K x 16
128K x 8
Figure 18 : 128K x 8 SRAM Circuit Memory
Organization
7
RAS 3
5
RAS 2
1
RAS 0
3
RAS 1
6
4
0
2
DM8/15
DM0/7
256K x 16
CAS1
CAS0
ADM0/8, NWE, NOE a re conne cte d to e a ch circu it.
Figure 20 : 256K x 16 DRAM Circuit Organization
III.5.4 - SRAM interface
Signals
A19
A18
A0 or equiv.
NCE7
1
1
1
NCE6
1
1
0
NCE5
1
0
1
NCE4
1
0
0
NCE3
0
1
1
NCE2
0
1
0
NCE1
0
0
1
NCE0
0
0
0
The SRAM space achieves 1 Mbyte max. It is
always organized in 16 bits. The structure of the
memory plane is shown in the following figures.
Because of the different chips usable, 19 address
wires and 8 NCE (Chip Enable) are necessary to
address the 1 Mbyte. The NCE selects the Most or
Least Significant Byte versus the value of A0 deliv-
ered by the
µP and the location of chip in the
memory space.
III.5.4.1 - 18K x n SRAM
The Address bits delivered by the
Multi-HDLC for
128K x n SRAM circuits are :
ADM0/14 and ADM15/16 (17 bits) corresponding
with A1/17 delivered by the
µP.
III.5.4.2 - 512K x n SRAM
Signals
A0 or equiv.
NCE1
1
NCE0
0
The Address bits delivered by the
Multi-HDLC for
512K x n SRAM circuits are :
ADM0/14 and ADM15/18 (19 bits) corresponding
with A1/19 delivered by the
µP.
III.5.5 - DRAM Interface
In DRAM, the memory space can achieve up to 16
megabytes organized by 16 bits. Eleven address
wires, four NRAS and two NCAS are needed to
select any byte in the memory. One NRAS signal
selects 1 bank of 4 and the NCAS signals select the
bytes concerned by the transfer (1 or 2 selecting a
byte or a word). The DRAM memory interface is
then defined. The ”RAS only” refresh cycles will
refresh all memory locations. The refresh is pro-
grammable. The frequency of the refresh is fixed
by the memory requirements.
III.5.5.1 - 256K x n DRAM Signals
Signals
A20
A19
A0 or equiv.
NRAS3
1
1
NRAS2
1
0
NRAS1
0
1
NRAS0
0
0
NCAS1
1
NCAS0
0
The Address bits delivered by the
Multi-HDLC for
256K x n DRAM circuits are :
ADM0/8 (2 x 9 = 18 bits) corresponding with A1/18
delivered by the
µP.
STLC5464
32/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com