Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5464 Datasheet HTML 1Page - STMicroelectronics STLC5464 Datasheet HTML 2Page - STMicroelectronics STLC5464 Datasheet HTML 3Page - STMicroelectronics STLC5464 Datasheet HTML 4Page - STMicroelectronics STLC5464 Datasheet HTML 5Page - STMicroelectronics STLC5464 Datasheet HTML 6Page - STMicroelectronics STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
STLC5464
MULTI-HDLC WITH n x 64 SWITCHING MATRIX ASSOCIATED
May 1997
PQFP160
(Plastic Quad Flat Pack)
ORDER CODE : STLC5464
.
32 TxHDLCs WITH BROADCASTING CAPA-
BILITY AND/OR CSMA/CR FUNCTION WITH
AUTOMATIC RESTART IN CASE OF TX
FRAME ABORT
.
32 RxHDLCs INCLUDING ADDRESS REC-
OGNITION
.
16 COMMAND/INDICATE CHANNELS (4 OR
6-BIT PRIMITIVE)
.
16 MONITOR CHANNELS PROCESSED IN
ACCORDANCE WITH GCI OR V*
.
256 x 256 SWITCHING MATRIX WITHOUT
BLOCKING AND WITH TIME SLOT SE-
QUENCE INTEGRITY AND LOOPBACK PER
BIDIRECTIONAL CONNECTION
.
DMA CONTROLLER FOR 32 Tx CHANNELS
AND 32 Rx CHANNELS
.
HDLCs AND DMA CONTROLLER ARE CAPA-
BLE OF HANDLING A MIX OF LAPD, LAPB,
SS7, CAS AND PROPRIETARY SIGNALLINGS
.
EXTERNAL SHARED MEMORY ACCESS BE-
TWEEN DMA CONTROLLER AND MICRO-
PROCESSOR
.
SINGLE
MEMORY
SHARED
BETWEEN
nx
MULTI-HDLCs
AND
SINGLE
MICRO-
PROCESSOR ALLOWS TO HANDLE n x 32
CHANNELS
.
BUS ARBITRATION
.
INTERFACE FOR VARIOUS 8,16 OR 32 BIT
MICROPROCESSORS
.
RAM CONTROLLER ALLOWS TO INTER-
FACE UP TO :
-16 MEGABYTES OF DYNAMIC RAM OR
-1 MEGABYTE OF STATIC RAM
.
INTERRUPT
CONTROLLER
TO
STORE
AUTOMATICALLY
EVENTS
IN
SHARED
MEMORY
.
PQFP160 PACKAGE
DESCRIPTION
The STLC5464 is a Subscriber line interface card
controller for Central Office, Central Exchange,
NT2 and PBX capable of handling :
- 16 U Interfaces or
- 2 Megabits line interface cards or
- 16 SLICs (Plain Old Telephone Service) or
- Mixed analogue and digital Interfaces (SLICs or
U Interfaces) or
- 16 S Interfaces
- Switching Network with centralized processing
1/83


Similar Part No. - STLC5464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5460 STMICROELECTRONICS-STLC5460 Datasheet
377Kb / 54P
LINE CARD INTERFACE CONTROLLER
Feb-1997
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
STLC5466 STMICROELECTRONICS-STLC5466 Datasheet
1Mb / 130P
64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
Nov-1999
More results

Similar Description - STLC5464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
STLC5466 STMICROELECTRONICS-STLC5466 Datasheet
1Mb / 130P
64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
Nov-1999
logo
LUMEX INC.
LCM-H12864GSF-H-Y LUMEX-LCM-H12864GSF-H-Y_17 Datasheet
139Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-H24064GSF LUMEX-LCM-H24064GSF_17 Datasheet
275Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B LUMEX-LCM-H24064GSF-B Datasheet
128Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B-W LUMEX-LCM-H24064GSF-B-W Datasheet
129Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B-Y LUMEX-LCM-H24064GSF-B-Y Datasheet
178Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-N LUMEX-LCM-H24064GSF-N Datasheet
240Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-S12864GSF LUMEX-LCM-S12864GSF_17 Datasheet
110Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-S24064GSF LUMEX-LCM-S24064GSF_17 Datasheet
110Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com