Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics STLC5464 Datasheet HTML 68Page - STMicroelectronics STLC5464 Datasheet HTML 69Page - STMicroelectronics STLC5464 Datasheet HTML 70Page - STMicroelectronics STLC5464 Datasheet HTML 71Page - STMicroelectronics STLC5464 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
VIII.22 - Transmit Command / Indicate Register - TCIR (2A)H
bit15
bit8
bit7
bit 0
0
G0
CA2
CA1
CA0
READ
0
0
Nu
Nu
C6
C5
C4
C3
C2
C1
After reset (00FF)H
When this register is written by the microprocessor, these different bits mean :
READ : READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT COMMAND/INDICATE MEMORY ADDRESS
CA 0/2 : These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
C6/1
: New Primitive to be transmitted
C6 is transmitted first if ANA = 1.
C4 is transmitted first if ANA = 0.
The New Primitive is taken into account by the transmitter after writing bits 8 to 15 (if 8 bit microprocessor).
Transmit Command/Indicate Register (after reading)
bit15
bit8
bit7
bit 0
0
G0
CA2
CA1
CA0
READ
Nu
Nu
PT1
PT0
C6
C5
C4
C3
C2
C1
When this register is read by the microprocessor, these different bits mean :
READ : READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT C/I ADDRESS
CA 0/2 : These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
C6/1
: Last Primitive transmitted.
PT0/1 : Status bits
P1
P0
Primitive Status
0
0
Primitive has not been transmitted yet.
0
1
Primitive has been transmitted once.
1
0
Primitive has been transmitted twice.
1
1
Primitive has been transmitted three times or more.
VIII - INTERNAL REGISTERS (continued)
STLC5464
68/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com