Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 24Page - STMicroelectronics STLC5464 Datasheet HTML 25Page - STMicroelectronics STLC5464 Datasheet HTML 26Page - STMicroelectronics STLC5464 Datasheet HTML 27Page - STMicroelectronics STLC5464 Datasheet HTML 28Page - STMicroelectronics STLC5464 Datasheet HTML 29Page - STMicroelectronics STLC5464 Datasheet HTML 30Page - STMicroelectronics STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
16 Rx
C/I
16 Rx
MON
16 Tx
C/I
16 Tx
MON
INTERR UPT
CONTR OLLER
GC I CHANNEL DEFINITION
DIN 5
DIN 4
DOUT 4
DOUT 5
SWITCHING
MATRIX
1
2
0
3
4
5
6
7
1
2
0
3
4
5
6
7
D Cha nne ls
to R x HDLC
DCha nne ls
from Tx HDLC
Interna l Bus
GC I1
GCI0
GCI1
GC I0
Figure 11 : D, C/I and Monitor Channel Path
III.4 - Microprocessor Interface
III.4.1 - Description
The
Multi-HDLC circuit can be controlledby severa
types of microprocessors (ST9, Intel/Motorola 8 or
16 data bits interfaces) such as :
- ST9 family
- INTEL 80C188 8 bits
- INTEL 80C186 16 bits
- MOTOROLA 68000 16 bits
During the initialization of the
Multi-HDLC circuit,
the microprocessor interface is informedof the type
of microprocessor that is connectedby polarisation
of three external pins MOD 0/2).
Two chip Select (CS0/1)pins are provided.CS0 will
select the internal registers and CS1 the external
memory.
Table 14 : Microprocessor Interface Selection
MOD2
Pin
MOD1
Pin
MOD0
Pin
Microprocessor
0
1
1
80C188
1
1
1
80C186
1
0
0
68000
0
0
0
Reserved
001
ST9
III.4.2 - Definition of the Interface for the differ-
ent microprocessors
The signals connected to the microprocessor inter-
face are presented on the following figures for the
different microprocessor (see Figures 12, 13, 14,
15, 16 and 17 on Pages 29-30).
STLC5464
28/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com