Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 55Page - STMicroelectronics STLC5464 Datasheet HTML 56Page - STMicroelectronics STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
ME
: MESSAGE ENABLE
ME = 1 The contents of Connection Memory is output on DOUT0/7 continuously.
ME = 0 The contents of Connection Memory acts as an address for the Data Memory.
Nu
: Not used.
VIII.8 - Connection Memory Data Register - CMDR (0E)H
CONTROL REGISTER (CTLR)
SOURCE REGISTER (SRCR)
bit15
bit8
bit7
bit 0
Nu
PS
PRSA
PRSG
INS
OTSV LOOP
SI
IM2
IM1
IM0
ITS 4 ITS 3 ITS 2 ITS 1 ITS 0
After reset (0000)H
This 16 bit register is constituted by two registers :
SOURCE REGISTER (SRCR) and CONTROL REGISTER (CTLR) respectively 8 bits and 7 bits.
SOURCE REGISTER (SRCR) has two use modes depending on CM (part of CMAR).
CM = 1, access to connection memory (read or write)
- PRSG = 0, ITS 0/4 and IM0/2 bits are defined hereafter :
ITS 0/4 : Input time slot 0/4 define ITSx with : 0
≤ x ≤ 31;
IM0/2
: Input Time Division Multiplex 0/2 define ITDMp with : 0
≤ p ≤ 7.
- PRSG = 1, the Pseudo Random Sequence Generator is validated, SRCR is not significant.
CM = 0, access to data memory (read only). SRC is the data register of the data memory.
CONTROL REGISTER (CTLR) defines each Output Time Slot OTSy of each Output Time Division Multi-
plex OTDMq :
SI
: SEQUENCE INTEGRITY
SI = 1, the delay is always : (31 - ITSx) + 32 + OTSy(constant delay).
SI = 0, the delay is minimum to pass through the data memory (variable delay).
LOOP : LOOPBACK per channelrelevant if two connections has been established (bidirectional or not).
LOOP = 1, OTSy, OTDMq is taken into account instead of ITSy, ITDMq.
OTSV = 1, transparent Mode LOOPBACK.
OTSV = 0, not Transparent Mode LOOPBACK.
OTSV : OUTPUT TIME SLOT VALIDATED
OTSV = 1, OTSy OTDMq is enabled.
OTSV = 0, OTSy OTDMq is High Impedance.
(OTSy : Output Time slot with 0
≤ y ≤ 31;OTDMq : OutputTime Division Multiplex with 0 ≤ q ≤ 7).
INS
: INSERT
INS = 1 The transfer from PRS Generator or Connection Memory to DOUT0/7 is validated.
INS = 0 The transfer from Data Memory to DOUT0/7 is validated.
PRSG : Pseudo Random Sequence Generator
This bit has effect only if INS = 1.
If PRSG = 1, Pseudo Random Sequence Generator delivers eight bits belonging to the same
Sequence. Hyperchannel at n x 64 Kb/s is possible.
If PRSG = 0, Connection Memory delivers eight bits D0/7.
PRSA : Pseudo Random Sequence analyzer
If PRSA = 1, PRS analyzer is enabled during OTSy OTDMq and receives data :
INS = 0, data comes from Data Memory.
INS = 1 AND PRSG=1, Data comes from PRS Generator (Test Mode).
If PRSA = 0, PRS analyzer is disabled during OTSy OTDMq.
PS
: Programmable Synchronization
If PS = 1, Programmable Synchronization Signal Pin is at ”1” during the bit time defined by OTSy
and OTDMq.
For OTSy and OTDMq with y = q = 0, PSS pin is at ”1” during the first bit of the frame defined
by the Frame synchronization Signal (FS).
If PS = 0, PSS Pin is at ”0” during the bit time defined by OTSy and OTDMq.
VIII - INTERNAL REGISTERS (continued)
STLC5464
59/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com