Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics STLC5464 Datasheet HTML 68Page - STMicroelectronics STLC5464 Datasheet HTML 69Page - STMicroelectronics STLC5464 Datasheet HTML 70Page - STMicroelectronics STLC5464 Datasheet HTML 71Page - STMicroelectronics STLC5464 Datasheet HTML 72Page - STMicroelectronics STLC5464 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
VIII.23 - Transmit Monitor Address Register - TMAR (2C)H
bit15
bit8
bit7
bit 0
0
G0
MA2
MA1
MA0
READ
Nu
Nu
Nu
Nu
TIV
FABT
L
NOB
0
Nu
After reset (000F)H
When this register is written by the microprocessor, these different bits mean :
READ : READ MON MEMORY
READ=1, READ MON MEMORY.
READ=0, WRITE MON MEMORY.
MA 0/2 : TRANSMIT MONITOR ADDRESS
MA 0/2 :These bits define one of eight Monitor Channel if validated.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
NOB
: NUMBER OF BYTE to be transmitted
NOB = 1, One byte to transmit.
NOB = 0, Two bytes to transmit.
L
: Last byte
L = 1, the word (or the byte) located in the Transmit Monitor Data Register (TMDR) is the last.
L = 0, the word (or the byte) located in the Transmit Monitor Data Register (TMDR) is not the
last.
FABT
: FABT = 1, the current message is aborted by the transmitter.
TIV
: Timer interrupt is Validated
TIV = 1, Time Out alarm generates an interrupt when the timer has expired.
TIV = 0, Time Out alarm is masked.
If 8 bit microprocessor the Data (TMDR Register) is taken into account by the transmitter after writing bits
8 to 15 of this register.
Transmit Monitor Address Register (after reading)
bit15
bit8
bit7
bit 0
0
G0
MA2
MA1
MA0
READ
Nu
Nu
Nu
Nu
TO
ABT
L
NOBT EXE
IDLE
When this register is read by the microprocessor, these different bits mean :
READ, MA0/2, G0 have same definition as already described for the write register cycle.
IDLE
: When this bit is at ”1”, IDLE (all 1’s) is transmitted during the channel validation.
EXE
: EXECUTED
When this status bit is at ”1”, the command written previously by the microprocessor has been
executed and a new word can be stored in the Transmit Monitor Data Register (TMDR) by the
microprocessor.
When this bit is at ”0”, the command written previously by the microprocessor has not yet been
executed.
NOBT : NUMBER OF BYTE which has been transmitted.
NOBT = 1, the first byte is transmitting.
NOB T = 0, the second byte is transmitting, the first byte has been transmitted.
L
: Last byte ; this L bit is the L bit which has been written by the microprocessor.
ABT
: ABORT
ABT=1, the remote receiver has aborted the current message.
TO
: Time Out one millisecond
TO = 1, the remote receiver has not acknowledged the byte which has been transmitted one
millisecond ago.
VIII - INTERNAL REGISTERS (continued)
STLC5464
69/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com