Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 53Page - STMicroelectronics STLC5464 Datasheet HTML 54Page - STMicroelectronics STLC5464 Datasheet HTML 55Page - STMicroelectronics STLC5464 Datasheet HTML 56Page - STMicroelectronics STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
MBL
: Memory Bus Low impedance
MBL = 1, the shared memory bus is at low impedance between two memory cycles.
The memory bus includes Control bits, Data bits, Address bits. One
Multi-HDLC is connected to
the shared memory.
MBL = 0, the shared memory bus is at high impedance between two memory cycles.
Several Muti-HDLCs can be connected to the shared memory. One pull up resistor is
recommended on each wire.
VIII.3 - Input Multiplex Configuration Register 0 - IMCR0 (04)H
bit15
bit8
bit7
bit 0
LP3 DEL3 ST(3)1 ST(3)0
LP2 DEL2 ST(2)1 ST(2)0 LP1 DEL1 ST(1)1 ST(1)0 LP0 DEL0 ST(0)1 ST(0)0
After reset (0000)H
See definition in next Paragraph.
VIII.4 - Input Multiplex Configuration Register 1 - IMCR1 (06)H
bit15
bit8
bit7
bit 0
LP7 DEL7 ST(7)1 ST(7)0
LP6 DEL6 ST(6)1 ST(6)0 LP5 DEL5 ST(5)1 ST(5)0 LP4 DEL4 ST(4)1 ST(4)0
After reset (0000)H
ST(i)0 : STEP0 for each Input Multiplex i(0
≤ i ≤ 7), delayed or not.
ST(i)1 : STEP1 for each Input Multiplex i(0
≤ i ≤ 7), delayed or not.
DEL(i); : DELAYED Multiplex i(0
≤ i ≤ 7).
DEL (i) ST (i) 1 ST (i) 2
STEP for each Input Multiplex 0/7 delayed or not
X
0
0
Each received bit is sampled at 3/4 bit-time without delay.
First bit of the frame is defined by Frame synchronization Signal.
1
0
1
Each received bit is sampled with 1/2 bit-time delay.
1
1
0
Each received bit is sampled with 1 bit-time delay.
1
1
1
Each received bit is sampled with 2 bit-time delay.
0
0
1
Each received bit is sampled with 1/2 bit-time advance.
0
1
0
Each received bit is sampled with 1 bit-time advance
0
1
1
Each received bit is sampled with 2 bit-time advance.
When IMTD = 0 (bit of SMCR), DEL = 1 is not taken into account by the circuit.
LP (i)
: LOOPBACK 0/7
LPi = 1, Output Multiplex i is put instead of Input Multiplex i (0
≤ i ≤ 7). LOOPBACKis transparent
or not in accordance with OMVi (bit of Output Multiplex Configuration Register).
LPi = 0, Normal case, Input Multiplex i(0
≤ i ≤ 7) is taken into account.
N.B. If DIN4 and DIN5 are GCI Multiplexes : then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VIII.5 - Output Multiplex Configuration Register 0 - OMCR0 (08)H
bit15
bit8
bit7
bit 0
OMV3 DEL3 ST(3)1 ST(3)0 OMV2 DEL2 ST(2)1 ST(2)0 OMV1 DEL1 ST(1)1 ST(1)0 OMV0 DEL0 ST(0)1 ST(0)0
After reset (0000)H
See definition in next Paragraph.
VIII - INTERNAL REGISTERS (continued)
STLC5464
57/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com