Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 41Page - STMicroelectronics STLC5464 Datasheet HTML 42Page - STMicroelectronics STLC5464 Datasheet HTML 43Page - STMicroelectronics STLC5464 Datasheet HTML 44Page - STMicroelectronics STLC5464 Datasheet HTML 45Page - STMicroelectronics STLC5464 Datasheet HTML 46Page - STMicroelectronics STLC5464 Datasheet HTML 47Page - STMicroelectronics STLC5464 Datasheet HTML 48Page - STMicroelectronics STLC5464 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
T
Total Write Cycle
Tuv
HZ
HZ
HZ
HZ
Each signal delivered by the MHDLC
is high impedance outside this time
a
a
a
a
1/f
NDS from
µP
(or equivalent)
MASTERCLOCK
applied to XTAL1 Pin
ADM0/18
NCE0/7
NWE
NOE
DM0/15
Note :
See
MBL Definition
a
Figure 34 : Static Memory Write Signals from the
Multi-HDLC
VI - MEMORY TIMING (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
T
Delay between Data Strobe delivered by the
µP and beginning of
cycle
2/f
1/f
f : Masterclock frequency
a
Delay between Masterclock and Edge of each signal delivered by the
MHDLC (30pF)
20
ns
Tuv
NCE width
1/f
4/f
ns
Note : Total Write Cycle : Tuv + 1/f
STLC5464
45/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com