Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 68Page - STMicroelectronics STLC5464 Datasheet HTML 69Page - STMicroelectronics STLC5464 Datasheet HTML 70Page - STMicroelectronics STLC5464 Datasheet HTML 71Page - STMicroelectronics STLC5464 Datasheet HTML 72Page - STMicroelectronics STLC5464 Datasheet HTML 73Page - STMicroelectronics STLC5464 Datasheet HTML 74Page - STMicroelectronics STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
PRIORITY 5 is the last priority for DRAM Refresh if validated. DRAM Refresh obtains PRIORITY 0 (the
first priority) automatically when the first half cycle is spend without access to memory.
After reset (E400)H, the Rx DMA Controller has the PRIORITY 1
the Microprocessor has the PRIORITY 2
the Tx DMA Controller has the PRIORITY 3
the Interrupt Controller has the PRIORITY 4
the DRAM Refresh has the PRIORITY 5
VIII.27 - Initiate Block Address Register - IBAR (34)H
bit15
bit8
bit7
bit 0
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
After reset (0000)H
A8/23 : Address bits. These 16 bits are the segment address bits of the Initiate Block (A8 to A23 for the
external memory).The offset is zero (A0 to A7 =”0”).
The Initiate Block Address (IBA) is :
23
87
0
A23
A22 A21
A20 A19
A18 A17
A16 A15
A14 A13
A12 A11
A10 A9 A8 0000 000 0
The 23 more significant bits define one of 8 Megawords. (One word comprises two bytes.)
The least significant bit defines one of two bytes when the microprocessor selects one byte.
VIII.28 - Interrupt Queue Size Register - IQSR (36)H
bit15
bit8
bit7
bit 0
r
e
s
e
r
v
e
d
HS2
HS1
HS0
MS2
MS1
MS0
CS1
CS0
After reset (0000)H
CS0/1 : Command/Indicate Interrupt Queue Size
These two bits define the size of Command/Indicate Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size + Monitor Channel Queue Size (see The Initiate
Block Address (IBA)).
MS0/2 : Monitor Channel Interrupt Queue Size
These three bits define the size of Monitor Channel Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size.
HS0/2 : HDLC Interrupt Queue Size
These three bits define the size of HDLC status Interrupt Queue in external memory for each
channel.
The location is IBA+256 (see The Initiate Block Address (IBA))
HS2
HS1
HS0
HDLC
Queue Size
MS2
MS1
MS0
MON
Queue Size
CS1
CS0
C/I
Queue Size
0
0
0
128 words
0
0
0
128 words
0
0
64 words
0
0
1
256 words
0
0
1
256 words
0
1
128 words
0
1
0
384 words
0
1
0
384 words
1
0
192 words
0
1
1
512 words
0
1
1
512 words
1
1
256 words
1
0
0
640 words
1
0
0
640 words
1
0
1
768 words
1
0
1
768 words
1
1
0
896 words
1
1
0
896 words
1
1
1
1024 words
1
1
1
1024 words
VIII - INTERNAL REGISTERS (continued)
STLC5464
72/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com