Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 6Page - STMicroelectronics STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics STLC5464 Datasheet HTML 10Page - STMicroelectronics STLC5464 Datasheet HTML 11Page - STMicroelectronics STLC5464 Datasheet HTML 12Page - STMicroelectronics STLC5464 Datasheet HTML 13Page - STMicroelectronics STLC5464 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
I.2 - Pin Description (continued)
Pin N
°
Symbol
Type
Function
TIME DIVISION MULTIPLEXES (TDM)
20
DIN0
I1
TDM0 Data Input 0
21
DIN1
I1
TDM1 Data Input 1
22
DIN2
I1
TDM2 Data Input 2
23
DIN3
I1
TDM3 Data Input 3
24
DIN4
I1
TDM4 Data Input 4
25
DIN5
I1
TDM5 Data Input 5
26
DIN6
I1
TDM6 Data Input 6
27
DIN7
I1
TDM7 Data Input 7
28
DIN8
I1
TDM8 Data Input 8
31
DOUT0
O8DT
TDM0 Data Output 0
32
DOUT1
O8DT
TDM1 Data Output 1
33
DOUT2
O8DT
TDM2 Data Output 2
34
DOUT3
O8DT
TDM3 Data Output 3
35
DOUT4
O8DT
TDM4 Data Output 4
36
DOUT5
O8DT
TDM5 Data Output 5
37
DOUT6
O8DT
TDM6 Data Output 6
38
DOUT7
O8DT
TDM7 Data Output 7
39
NDIS
I1
DOUT 0/7 Not Disable. When this pin is at 0V, the Data Output 0/7 are at high
impedance. Wired at VDD if not used.
5
CB
O8D
Contention Bus for CSMA/CR
6
EC
I1
Echo. Wired at VSS if not used.
BOUDARY SCAN
40
NTRST
I4
Reset for boundary scan
41
TMS
I2
Mode Selection for boundary scan
42
TDI
I2
Input Data for boundary scan
43
TDO
O4
Output Data for boundary scan
44
TCK
I4
Clock for boundary scan
MICROPROCESSOR INTERFACE
58
MOD0
I1
1 1 0 1
59
MOD1
I1
1 1 0 0
60
MOD2
I1
0 1 1 0
80C188 80C186 68000 ST9
1
NRESET
I3
Circuit Reset
47
NCS0
I3
Chip Select 0 : internal registers are selected
48
NCS1
I3
Chip Select 1 : external memory is selected
49
INT0
O4
Interrupt generated by HDLC, RxC/I or RxMON. Active high.
50
INT1
O4
Interrupt1.This pin goes to 5V when the selected clock A (or B) has disappeared ;
250
µs after reset this pin goes to 5V also if clock A is not present.
4
WDO
O4
Watch Dog Output.This pin goes to 5V during 1ms when the microprocessor has not
reset the Watch Dog during the programmable time.
Type : I1 = Input TTL ;
I2 = I1 + Pull-up ;
I3 = I1 + Hysteresis ;
I4 = I3 + Pull-up ;
O4 = Output CMOS 4mA ;
O4T = O4 + Tristate ;
O8 = Output CMOS 8mA, ”1” and ”0” at Low Impedance ;
O8D = Output CMOS 8mA, Open Drain ;
O8DT = Output CMOS 8mA, Open Drain or Tristate ;
O8T = Output CMOS 8mA, Tristate
I - PIN INFORMATION (continued)
STLC5464
10/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com