Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 31Page - STMicroelectronics STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
/p
/8
LOW P ASS
F ILTER
VCXO
f = 15 360kHz
or 16384kHz
VCXO IN
VCXO OUT
EVM
MHDLC
Re f =
409 6kHz
if f = 153 60kHz, p = 30
if f = 163 84kHz, p = 32
OUX
8
7
Figure 25 : VCXO Frequency Synchronization
III.8 - Interrupt Controller
III.8.1 - Description
Three external pins are used to manage the inter-
rupts generated by the
Multi-HDLC. The interrupts
have three main sources :
- The operating interrupts generated by the HDLC
receivers/transmitters, the CI receivers and the
monitor transmitters/receivers. INT0 Pin is re-
served for this use.
- The interrupt generatedby an abnormal working of
theclockdistribution.INT1Pinis reservedforthisuse.
- The non-activity of the microprocessor (Watch-
dog). WDO Pin is reserved for this use.
III.8.2 - Operating Interrupts (INT0 Pin)
There are five main sources of operating interrupts
in the
Multi-HDLC circuit :
- The HDLC receiver,
- The HDLC transmitter,
- The CI receiver,
- The Monitor receiver,
- The Monitor transmitter.
When an interrupt is generated by one of these
functions, the interrupt controller :
- Collects all the information about the reasons of
this interrupt,
- Stores them in external memory,
- Informs the microprocessor by positioning the
INT0 pin in the high level.
Three interrupt queues are built in external memory
to store the information about the interrupts :
- A single queue for the HDLC receivers and trans-
mitters,
- One for the CI receivers,
- One for the monitor receivers.
The microprocessor takes the interrupts into ac-
count by reading the Interrupt Register (IR) of the
interrupt controller.
This register informs the microprocessor of the
interrupt source. The microprocessor will have in-
formation about the interrupt source by readingthe
corresponding interrupt queue (see Paragraph ”In-
terrupt Register IR (38)H” on Page 74).
On an overflow of the circular interrupt queues and
an overrun or underrun of the different FIFO, the
INT0 Pin is activated and the origin of the interrupt
is stored in the Interrupt Register.
A 16 bits register is associated with the Tx Monitor
interrupt. It informs the microprocessor of which
transmitter has generated the interrupt (see Para-
graph ”Transmit Monitor Interrupt Register TMIR
(30)H” on Page 71).
III.8.3 - Time Base Interrupts (INT1 Pin)
The Time base interrupt is generated when an
absence or an abnormal working of clock distribu-
tion is detected. The INT1 Pin is activated.
III.8.4 - Emergency Interrupts (WDO Pin)
The WDO signal is activated by an overflow of the
watchdog register.
III.8.5 - Interrupt Queues
There are three different interrupt queues :
- Tx and Rx HDLC interrupt queue,
- Rx C/I interrupt queue,
- Rx Monitor interrupt queue.
Their length can be defined by software.
For debugging function, each interrupt word of the
CI interrupt queue and monitor interrupt queue can
be followed by a timestamped word. It is composed
of a counter which runs in the range of 250
µs. The
counter is the same as the watchdog counter.
Consequently,the watchdog functionisn’t available
at the same time.
STLC5464
35/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com