Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 9Page - STMicroelectronics STLC5464 Datasheet HTML 10Page - STMicroelectronics STLC5464 Datasheet HTML 11Page - STMicroelectronics STLC5464 Datasheet HTML 12Page - STMicroelectronics STLC5464 Datasheet HTML 13Page - STMicroelectronics STLC5464 Datasheet HTML 14Page - STMicroelectronics STLC5464 Datasheet HTML 15Page - STMicroelectronics STLC5464 Datasheet HTML 16Page - STMicroelectronics STLC5464 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
I.2 - Pin Description (continued)
Pin N
°
Symbol
Type
Function
MEMORY INTERFACE (continued)
140
DM0
I/O
Memory Data bit 0
141
DM1
I/O
Memory Data bit 1
142
DM2
I/O
Memory Data bit 2
143
DM3
I/O
Memory Data bit 3
144
DM4
I/O
Memory Data bit 4
147
DM5
I/O
Memory Data bit 5
148
DM6
I/O
Memory Data bit 6
149
DM7
I/O
Memory Data bit 7
150
DM8
I/O
Memory Data bit 8
151
DM9
I/O
Memory Data bit 9
152
DM10
I/O
Memory Data bit 10
153
DM11
I/O
Memory Data bit 11
154
DM12
I/O
Memory Data bit 12
155
DM13
I/O
Memory Data bit 13
156
DM14
I/O
Memory Data bit 14
157
DM15
I/O
Memory Data bit 15
160
NTEST
I2
Test Control. When this pin is at 0V each output is high impedance except XTAL2 Pin.
Type : I1 = Input TTL ;
I2 = I1 + Pull-up ;
I3 = I1 + Hysteresis ;
I4 = I3 + Pull-up ;
O4 = Output CMOS 4mA ;
O4T = O4 + Tristate ;
O8 = Output CMOS 8mA, ”1” and ”0” at Low Impedance ;
O8D = Output CMOS 8mA, Open Drain ;
O8DT = Output CMOS 8mA, Open Drain or Tristate ;
O8T = Output CMOS 8mA, Tristate
Note : D0/15 input/output pins must be connected to one single external pull up resistor if not used.
I.3 - Pin Definition
I.3.1 - Input Pin Definition
I1
: Input 1 TTL
I2
: Input 2 TTL + pull-up
I3
: Input 3 TTL + hysteresis
I4
: Input 4 TTL + hysteresis +pull-up
I.3.2 - Output Pin Definition
O4
: Output CMOS 4mA
O4T
: Output CMOS 4mA, Tristate
O8
: Output CMOS 8mA
O8T
: Output CMOS 8mA,Tristate
O8D : Output CMOS 8mA,Open Drain
O8DT : Output CMOS 8mA,Open Drain or Tristate (Programmable pin)
Moreover, each output is high impedance when the NTEST Pin is at 0 volt except XTAL2 Pin.
I.3.3 - Input/Output Pin Definition
I/O : Input TTL/ Output CMOS 8mA.
N.B. XTAL1 : this input is CMOS.
XTAL2 : NTEST pin at 0 has no effect on this pin.
I - PIN INFORMATION (continued)
STLC5464
13/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com