Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 75Page - STMicroelectronics STLC5464 Datasheet HTML 76Page - STMicroelectronics STLC5464 Datasheet HTML 77Page - STMicroelectronics STLC5464 Datasheet HTML 78Page - STMicroelectronics STLC5464 Datasheet HTML 79Page - STMicroelectronics STLC5464 Datasheet HTML 80Page - STMicroelectronics STLC5464 Datasheet HTML 81Page - STMicroelectronics STLC5464 Datasheet HTML 82Page - STMicroelectronics STLC5464 Datasheet HTML 83Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 83 page
background image
ODD
: Odd byte number
ODD = 1, one byte has been written in the following word.
ODD = 0, two bytes have been written in the following word.
In case of V* protocol ODD,A,F,L bits are respectively 1,0,1,1.
M1/8
: New Byte received twice consecutively if GCI Protocol has been validated.
Byte received once if V* Protocol has been validated.
M11/18 : Next new Byte received twice consecutively if GCI Protocol has been validated.
This byte is at ”1” in case of V* protocol.
IX.6.2 - Receive Monitor Interrupt when TSV = 1
TSV : Time Stamping Validated (bit of GCR Register)
bit15
bit8
bit7
bit 0
NS
G0
A2
A1
A0
ODD
A
F
L
M18
M17
M16
M15
M14
M13
M12
M11
M8
M7
M6
M5
M4
M3
M2
M1
T15
T14
T13
T12
T11
T10
T9
T8T7T6
T5T4
T3T2T1
T0
0
0
00
0
0000
00
000
00
These four words are located in the Monitor interrupt queue ; IQSR Register indicates the size of this
interrupt queue located in the external memory.
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the
NS bit :
if NS = 0, the Interrupt Controller stores two new bytes M1/8 and M11/18 then puts NS bit at ‘1’
when it writes the status of these two bytes which has been received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
G0
: G0 = 0, GCI 0 corresponding to DIN4 input and DOUT4 output.
G0 = 1, GCI 1 corresponding to DIN5 input and DOUT5 output.
L
: Last byte
L = 1, the following word contains the Last byte of message.
L = 0, the Last byte of message is not the following word.
F
: First byte
F=1, the following word contains the First byte of message.
F=0, the First byte of message is not the following word.
A
: Abort
A=1, Received message has been aborted.
ODD
: Odd byte number
ODD = 1, one byte has been written in the following word.
ODD = 0, two bytes have been written in the following word.
M1/8
: New Byte received twice consecutively if GCI Protocol has been validated.
Byte received once if V* Protocol has been validated.
M11/18 : Next new Byte received twice consecutively if GCI Protocol has been validated.
This byte is at ”1” in case of V* protocol.
T15/0 : Binary counter value when a new primitive is occurred.
IX - EXTERNAL REGISTERS (continued)
STLC5464
81/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com