Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 32Page - STMicroelectronics STLC5464 Datasheet HTML 33Page - STMicroelectronics STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics STLC5464 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
INITIALIZATION
BLOC K
HDLC (Tx a nd Rx)
INTER RUP T QUE UE
MON (Rx)
INTER RUP TQUE UE
C/I (Rx)
INTER RUP T QUE UE
IBA
IBA + 254
IBA + 256
IBA + 256
+ HDLC
Que ue Size
IBA + 256
+ HDLC
Que ue S ize
+ MON
Que ue S ize
Figure 26 : The Three Circular Interrupt Memories
III.9 - Watchdog
This function is used to control the activity of the
application. It is composed of a counter which
counts down from an initial value loaded in the
Timer register by the microprocessor.
If the microprocessor doesn’t reset this counter
before it is totally decremented, the external Pin
WDO is activated ; this signal can be used to reset
the microprocessor and all the application.
The initial time value of the counter is programma-
ble from 0 to 15s in increments of 0.25ms.
At the reset of the component, the counter is auto-
matically initialized by the value corresponding to
512ms which are indicated in the Timer register.
The microprocessor must put WDR (IDCR Regis-
ter) to”1” to reset this counter and to confirm that
the application started correctly.
In the reverse case, the WDO signal could be used
to reset the board a second time.
III.10 - Reset
There are two possibilities to reset the circuit :
- by software,
- by hardware.
Each programmable register receives its default
value. After that, the default value of each data
register is stored in the associated memory except
for Time slot Assigner memory.
STLC5464
36/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com