Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 34Page - STMicroelectronics STLC5464 Datasheet HTML 35Page - STMicroelectronics STLC5464 Datasheet HTML 36Page - STMicroelectronics STLC5464 Datasheet HTML 37Page - STMicroelectronics STLC5464 Datasheet HTML 38Page - STMicroelectronics STLC5464 Datasheet HTML 39Page - STMicroelectronics STLC5464 Datasheet HTML 40Page - STMicroelectronics STLC5464 Datasheet HTML 41Page - STMicroelectronics STLC5464 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
V - CLOCK TIMING
V.1 - Synchronization Signals delivered by the system
For one of three different input synchronizations which is programmed, FSCG and FSCV* signals
delivered by the
Multi-HDLC are in accordance with the figure hereafter.
t5h
t2
t5l
45
36
7
0
1
t1
Bit4
Bit5
Bit0
Bit1
Bit6
Bit7
Bit3
Time S lot 31
Time S lot 0
t4
t3
t4
t3
t3
t4 CGI
CLOCK B
CLOCK A
1) S y Mode
F ra me A (or B)
2) G CI Mode
F ra me A (or B)
3) V* Mod e
F ra me A (or B)
DIN 0/8, ECHO
DO UT 0/7, CB
if FS = FSCG
TDM0/7
FSCG delivere d
by the circuit
FSCV* de livere d
by the circuit
The four Multiplex Configura tion Registers are a t zero (no de lay).
Figure 27 : Clocks received and delivered by the Multi-HDLC
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Clock Period if 4096kHz
Clock Period if 8192kHz
239
120
244
122
249
125
ns
ns
t2
Delay between Clock A and Clock B
- 60
0
+60
ns
t3
Set up time Frame A (or B)/CLOCK A (or B)
10
t1-10
ns
t4
t4GCI
Hold time Frame A (or B)/CLOCK A (or B)
10
10
t1-10
125000 - (t1 - 10)
ns
t5
Clock ratio t5h/t5l
75
100
125
%
STLC5464
38/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com