Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics STLC5464 Datasheet HTML 65Page - STMicroelectronics STLC5464 Datasheet HTML 66Page - STMicroelectronics STLC5464 Datasheet HTML 67Page - STMicroelectronics STLC5464 Datasheet HTML 68Page - STMicroelectronics STLC5464 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
AR21
: Address Recognition 21
AR21 = 1, Second byte after opening flag of received frame is compared to all ”1”s. If the
Second byte received is not all ”1”s the frame is ignored.
AR21 = 0, Second byte after opening flag of received frame is not compared to all ”1”s.
Second Byte
First Byte
Conditions to Receive a Frame
AR21 AR20 AR11
AR10
0
0
0
0
Each frame is received without condition.
0
0
0
1
Only value of the first received byte must be equal to that of AF0/7 bits.
0
0
1
0
Only value of the first received byte must be equal to all ”1”s.
0
0
1
1
The value of the first received byte must be equal either to that of AF0/7 or
to all ”1”s.
0
1
0
0
Only value of the second received byte must be equal to that of AF8/15 bits.
0
1
0
1
The value of the first received byte must be equal to that of AF0/7 bits and
the value of the second received byte must be equal to that of AF8/15 bits.
0
1
1
0
The value of first received byte is must be equal to all ”1”s and the value of
second received byte must be equal to that of AF8/15 bits.
0
1
1
1
The value of the first received byte must be equal either to that of AF0/7 or
to all ”1”s and the value of the second received byte must be equal to that
of AF8/15 bits.
1
0
0
0
Only the value of the second received byte must be equal to all ”1”s.
1
0
0
1
The value of the first received byte must be equal to that of AF0/7 bits and
the value of the second received byte must be equal to all ”1”s.
1
0
1
0
The value of the first received byte must be equal to all ”1”s and the value of
the second received byte must be equal to ”1” also.
1
0
1
1
The value of the first received byte must be equal either to that of AF0/7 or
to ”1” and the value of the second received byte must be equal to all ”1”s.
1
1
0
0
The value of the second received byte must be equal either to that of AF8/15
or to all ”1”s.
1
1
0
1
The value of the first received byte must be equal to that of AF0/7 bits and
the value of the second received byte must be equal either to that of AF8/15
or to all ”1”s.
1
1
1
0
The value of the first received byte must be equal to ”1” and the value of the
second received byte must be equal either to that of AF8/15 or to all ”1”s.
1
1
1
1
The value of the first received byte must be equal either to that of AF0/7 or
to ”1” and the value of the second received byte must be equal either to that
of AF8/15 or to all ”1”s.
VIII.15 - Address Field Recognition Address Register - AFRAR (1C)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CHO
READ
Nu
Nu
r
e
s
e
r
v
e
d
After reset (0000)H
The write operation is lauched when AFRAR is written by the microprocessor.
READ : READ ADDRESS FIELD RECOGNITION MEMORY
READ=1, READ AFR MEMORY.
READ=0, WRITE AFR MEMORY.
CH0/4 : These five bits define one of 32 channels in reception
VIII - INTERNAL REGISTERS (continued)
STLC5464
65/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com