Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5464 Datasheet HTML 1Page - STMicroelectronics STLC5464 Datasheet HTML 2Page - STMicroelectronics STLC5464 Datasheet HTML 3Page - STMicroelectronics STLC5464 Datasheet HTML 4Page - STMicroelectronics STLC5464 Datasheet HTML 5Page - STMicroelectronics STLC5464 Datasheet HTML 6Page - STMicroelectronics STLC5464 Datasheet HTML 7Page - STMicroelectronics STLC5464 Datasheet HTML 8Page - STMicroelectronics STLC5464 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
VIII
INTERNAL REGISTERS . . . .. .. . . . . . . .. .. . . .. . . .... ..... ..... . . . . .. ... . .
55
VIII.1
IDENTIFICATION AND DYNAMIC COMMAND REGISTER . . . . . . . . . . . IDCR (00)H
55
VIII.2
GENERAL CONFIGURATION . .... . . . ... .... . . .. . . .... . . .. . . ... GCR (02)H
55
VIII.3
INPUT MULTIPLEX CONFIGURATION REGISTER 0 . . . . . . .... ..... IMCR0 (04)H
57
VIII.4
INPUT MULTIPLEX CONFIGURATION REGISTER 1 . . . . . . .... ..... IMCR1 (06)H
57
VIII.5
OUTPUT MULTIPLEX CONFIGURATION REGISTER 0 . . . . . . . . . . . . OMCR0 (08)H
57
VIII.6
OUTPUT MULTIPLEX CONFIGURATION REGISTER 1 . . . . . . . . . . . OMCR1 (0A)H
58
VIII.7
SWITCHING MATRIX CONFIGURATION REGISTER. . . . . . .... ..... SMCR (0C)H
58
VIII.8
CONNECTION MEMORY DATA REGISTER. . . . . . . . . . . . . . . . . . . . . . CMDR (0E)H
59
VIII.9
CONNECTION MEMORY ADDRESS REGISTER . . . . . . .... ..... . . . CMAR (10)H
60
VIII.10
SEQUENCE FAULT COUNTER REGISTER . . . . . . . . . . . . . . . . . . . . . . SFCR (12)H
61
VIII.11
TIME SLOT ASSIGNER ADDRESS REGISTER . . . . . . . . . . . . . . . . . . . TAAR (14)H
61
VIII.12
TIME SLOT ASSIGNER DATA REGISTER . . . . . . . . . ..... .... . . ... TADR (16)H
62
VIII.13
HDLC TRANSMIT COMMAND REGISTER . . . . . . . . . ..... .... . . ... HTCR (18)H
62
VIII.14
HDLC RECEIVE COMMAND REGISTER . .... ..... ..... . . .. . . ... HRCR (1A)H
64
VIII.15
ADDRESS FIELD RECOGNITION ADDRESS REGISTER . . . . . . . . . . AFRAR (1C)H
65
VIII.16
ADDRESS FIELD RECOGNITION DATA REGISTER . . . . . . .... .... AFRDR (1E)H
66
VIII.17
FILL CHARACTER REGISTER . . . . ...... ... ..... . . ... .. . . . . ....
FCR (20)H
66
VIII.18
GCI CHANNELS DEFINITION REGISTER 0 . . . . . . . . . . . . . . . . . . . . . . GCIR0 (22)H
66
VIII.19
GCI CHANNELS DEFINITION REGISTER 1 . . . . . . . . . . . . . . . . . . . . . . GCIR1 (24)H
67
VIII.20
GCI CHANNELS DEFINITION REGISTER 2 . . . . . . . . . . . . . . . . . . . . . . GCIR2 (26)H
67
VIII.21
GCI CHANNELS DEFINITION REGISTER 3 . . . . . . . . . . . . . . . . . . . . . . GCIR3 (28)H
67
VIII.22
TRANSMIT COMMAND / INDICATE REGISTER. . . . . . . . . . . . . . . . . . . . TCIR (2A)H
68
VIII.23
TRANSMIT MONITOR ADDRESS REGISTER . . . . . . . . . ..... .... . . TMAR (2C)H
69
VIII.24
TRANSMIT MONITOR DATA REGISTER . .... ..... ..... . . .. . . ... TMDR (2E)H
70
VIII.25
TRANSMIT MONITOR INTERRUPT REGISTER. . . . . . . . . . . . . . . . . . . . TMIR (30)H
70
VIII.26
MEMORY INTERFACE CONFIGURATION REGISTER . . . . . . . . . . . . . . MICR (32)H
70
VIII.27
INITIATE BLOCK ADDRESS REGISTER. . . . . . . .... . . ... . . ... . . ... IBAR (34)H
72
VIII.28
INTERRUPT QUEUE SIZE REGISTER . . . . .... ...... .... . . ... .. . . IQSR (36)H
72
VIII.29
INTERRUPT REGISTER . . . . . . . . . . . . . . . . . . . . . . . .... ..... ..... . . . IR (38)H
73
VIII.30
INTERRUPT MASK REGISTER . . . . ...... ... ..... . . ... .. . . . . ..... IMR (3A)H
74
VIII.31
TIME REGISTER . . . . . . . . . . . . . . . . . . . . . . . . . . . ..... ..... . . . . ..
TIMR (3C)H
74
VIII.32
TEST REGISTER . . . . . . . . . . . . . . . . . . . . . . . . . . . ..... ..... . . . . .. ... TR (3E)H
74
CONTENTS (continued)
Page
STLC5464
4/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com