Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 42Page - STMicroelectronics STLC5464 Datasheet HTML 43Page - STMicroelectronics STLC5464 Datasheet HTML 44Page - STMicroelectronics STLC5464 Datasheet HTML 45Page - STMicroelectronics STLC5464 Datasheet HTML 46Page - STMicroelectronics STLC5464 Datasheet HTML 47Page - STMicroelectronics STLC5464 Datasheet HTML 48Page - STMicroelectronics STLC5464 Datasheet HTML 49Page - STMicroelectronics STLC5464 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
NCS0/1
READY
NAS/
ALE
NDS/
NRD
AD0/7
R/W /
NWR
t6
t5
t7
t8
t12
t4
t3
t1
t2
D0/7
A0/7
t11
t9
t10
Figure 35 : ST9 Read Cycle
VII - MICROPROCESSOR TIMING
VII.1 - ST9 Family MOD0=1, MOD1=0, MOD2=0
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Delay Ready / Chip Select (if t3 > t1), (30pF)
0
30
ns
t2
Hold Time Chip Select /Data Strobe
14
ns
t3
Delay Ready / NAS (if t1 > t3), (30pF)
0
30
ns
t4
Width NAS
20
ns
t5
Set-up Time Address / NAS
9
ns
t6
Hold Time Address / NAS
9
ns
t7
Data Valid before Ready
0
ns
t8
Data Valid after Data Strobe (30pF)
0
ns
t9
Set-up Time R/W /NAS
15
ns
t10
Hold Time R/W / Data Strobe
15
ns
t11
Width NDS when immediate access
50
ns
t12
Delay NDS / NCS
5
ns
STLC5464
46/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com