Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5464 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 54Page - STMicroelectronics STLC5464 Datasheet HTML 55Page - STMicroelectronics STLC5464 Datasheet HTML 56Page - STMicroelectronics STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
VIII.6 - Output Multiplex Configuration Register 1 - OMCR1 (0A)H
bit15
bit8
bit7
bit 0
OMV7 DEL7 ST(7)1 ST(7)0 OMV6 DEL6 ST(6)1 ST(6)0 OMV5 DEL5 ST(5)1 ST(5)0 OMV4 DEL4 ST(4)1 ST(4)0
After reset (0000)H
ST(i)0 : STEP0 for each Output Multiplex i(0
≤ i ≤ 7), delayed or not.
ST(i)1 : STEP1 for each Output Multiplex i(0
≤ i ≤ 7), delayed or not.
DEL(i); : DELAYED Multiplex i(0
≤ i ≤ 7).
DEL (i) ST (i) 1 ST (i) 2
STEP for each Output Multiplex 0/7 delayed or not
X
0
0
Each bit is transmitted on the rising edge of the double clock without delay.
Bit 0 is defined by Frame synchronization Signal.
1
0
1
Each bit is transmitted with 1/2 bit-time delay.
1
1
0
Each bit is transmitted with 1 bit-time delay.
1
1
1
Each bit is transmitted with 2 bit-time delay.
0
0
1
Each bit is transmitted with 1/2 bit-time advance.
0
1
0
Each bit is transmitted with 1 bit-time advance
0
1
1
Each bit is transmitted with 2 bit-time advance.
When IMTD = 0 (bit of SMCR), DEL = 0 is not taken into account by the circuit.
OMV (i) : Output Multiplex Validated 0/7
OMVi =1, condition to have DOUTi pin active (0
≤ i ≤ 7).
OMVi =0, DOUTi pin is High Impedance continuously (0
≤ i ≤ 7).
N.B. If DIN4 and DIN5 are GCI Multiplexes : then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VIII.7 - Switching Matrix Configuration Register - SMCR (0C)H
bit15
bit8
bit7
bit 0
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
ME
SGC
SAV
SGV
TS1
TS0
IMTD
After reset (0000)H
IMTD
: Increased Minimum Throughput Delay
When SI = 0 (bit of CMDR, variable delay mode) :
IMTD = 1, the minimum delay through the matrixmemory is three time slots whateverthe selected
TDM output.
IMTD = 0, the minimum delay through the matrix memory is two time slots whatever the selected
TDM output.
TS0
: Tristate 0
TS0 = 1, the DOUT0/3 and DOUT6/7 pins are tristate : ”0” is at low impedance, ”1” is at low
impedance and the third state is high impedance.
TS0 = 0, the DOUT0/3 and DOUT6/7 pins are open drain : ”0” is at low impedance, ”1” is at high
impedance.
TS1
: Tristate 1
TS1 = 1, the DOUT4/5 pins are tristate : ”0” is at low impedance, ”1” is at low impedance and
the third state is high impedance.
TS1 = 0, the DOUT4/5 pins are open drain : ”0” is at low impedance, ”1” is at high impedance.
SGV
: Pseudo Random Sequence Generator Validated
SGV = 1,PRS Generator is validated.The Pseudo Random Sequence is transmitted during the
related time slot(s).
SGV = 0, PRS Generator is reset.”0” are transmitted during the related time slot.
SAV
: Pseudo Random Sequence analyzer Validated
SAV = 1, PRS analyzer is validated.
SAV = 0, PRS analyzer is reset.
SGC
: Pseudo Random Sequence Generator Corrupted
When SGC bit goes from 0 to 1, one bit of sequence transmitted is corrupted.
When the corrupted bit has been transmitted, SGC bit goes from 1 to 0 automatically.
VIII - INTERNAL REGISTERS (continued)
STLC5464
58/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com