Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 15Page - Texas Instruments TNETX15VE Datasheet HTML 16Page - Texas Instruments TNETX15VE Datasheet HTML 17Page - Texas Instruments TNETX15VE Datasheet HTML 18Page - Texas Instruments TNETX15VE Datasheet HTML 19Page - Texas Instruments TNETX15VE Datasheet HTML 20Page - Texas Instruments TNETX15VE Datasheet HTML 21Page - Texas Instruments TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM auto-configuration from an external x24C02 EEPROM
The flash EEPROM interface is provided so the system-level manufacturers can provide an optional configured
system to their customers. Customers can change or reconfigure their system and retain their preferences
between system power downs.
The flash EEPROM contains configuration and initialization information, which is accessed infrequently
(typically at power up and reset).
The TNETX15VE uses the 24C02 serial EEPROM device (2048 bits organized as 256
× 8). This device uses
a two-wire serial interface for communications.
EEPROM programming can be done while in the system through the TNETX15VE EDIO port using suitable
driver software.
The organization of the EEPROM data is shown in Table 1. The last register loaded is the control register. This
allows a complete initialization by downloading the contents of the EEPROM into the TNETX15VE. During the
download, no DIO operations are permitted. The LOAD and RESET bits in the control register cannot be set
during a download, preventing a download loop.
The TNETX15VE has reserved space in the register map with corresponding reserved space in the EEPROM.
This is to support additional features in future revisions of the device with minimal impact on software drivers
written for this device. Although the TNETX15VE does not use the values in the reserved EEPROM locations
to load the reserved locations in the register map, the auto-loader reads every address from the beginning of
the EEPROM to the CRC to calculate the CRC. That is, changing a loaded value or a reserved value requires
a new CRC for the EEPROM.
The TNETX15VE detects the presence/absence of the EEPROM. If it is not installed, the EDIO terminal should
be tied low. For EEPROM operation, the terminal requires an external pullup (see EEPROM data sheet). When
no EEPROM is detected, the TNETX15VE assumes default register values at power up and is halted.
Downloading a configuration from the EEPROM terminals is disabled when no EEPROM is present.
The first bit written to or read from the EEPROM is the most-significant bit of the byte, i.e., data (7). Therefore,
writing the address 0xC0 is accomplished by writing a 1 and then 1, 0, 0, 0, 0, 0, 0. For details of reading, writing,
or programming a 24C02 device, refer to its data sheet.
The TNETX15VE expects data to be stored in the EEPROM in a specific format. The range from 0x00 to 0xA2
in the EEPROM is reserved for use by the adapter. The contents of the remaining bytes are user defined. The
EEPROM can be read/written by driver software through the SIO register.
A 32-bit CRC value must be calculated from the EEPROM data and placed in the EEPROM in the location
following the bytes loaded into the internal registers. The TNETX15VE uses this 32-bit CRC to validate the
EEPROM data. If the CRC fails, the TNETX15VE registers are set to their default (hardwired) values. This is
the same state the TNETX15VE is in if no EEPROM is present. Without an EEPROM, a management CPU is
required to load all the registers and set the start bit to 1 in the upper one-half of the control/status register (0x09).
The CRC calculation on the EEPROM bytes is the same as the IEEE Std 802.3u for the packet CRC calculation
on a byte-by-byte basis. For reference, the equation is:
G(x) = x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com