Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 1 Page - Texas Instruments

  TNETX15VE Datasheet HTML 1Page - Texas Instruments TNETX15VE Datasheet HTML 2Page - Texas Instruments TNETX15VE Datasheet HTML 3Page - Texas Instruments TNETX15VE Datasheet HTML 4Page - Texas Instruments TNETX15VE Datasheet HTML 5Page - Texas Instruments TNETX15VE Datasheet HTML 6Page - Texas Instruments TNETX15VE Datasheet HTML 7Page - Texas Instruments TNETX15VE Datasheet HTML 8Page - Texas Instruments TNETX15VE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Provides up to 2K-Address Matching
System
D VLAN Support for Single or Multiple
ThunderSWITCH
™ Devices
D Provides Glueless External-Address Match
Interface to the TNETX3150/TNETX3150A
D Uses Standard Off-the-Shelf SRAMs
D EEPROM Interface for Auto-Configuration,
No CPU Needed
D Automatic Aging Through User-Selectable
Aging (AGE) Threshold
D Fabricated in 3.3-V Low-Voltage
Technology
D Requires 3.3-V and 5-V Power Supplies
D 5-V Tolerant I/Os
D Provides Direct Input/Output (DIO) Interface
for Management Access and Control of the
Address-Lookup Table
D Address Lookups, Adds, and Deletes Are
Automatically Performed in Hardware
D User-Selectable Interrupts Simplify the
Management Operations
D Provides Spanning-Tree Support
D Secure Addresses From Changing Ports
D MII Data I/O (MDIO) PHY Management
Interface
D Management Access to Statistic Registers
D Packaged in 144-Terminal Plastic Quad
Flatpack
D JTAG Compliant
description
The TNETX15VE performs the VLAN-engine address-lookup function for the TNETX3150/TNETX3150A
Ethernet
™ switch using a glueless interface. The TNETX15VE device determines the addresses to use and
match from the TNETX3150/TNETX3150A DRAM bus. The address-lookup table is maintained in external
SRAM. The frame-matching and routing information is given to the TNETX3150/TNETX3150A through the
external address-matching (EAM) interface.
The TNETX15VE is designed to work in either unmanaged or managed mode. Unmanaged operation is
accomplished through EEPROM support. Startup options are auto-loaded into the TNETX15VE registers using
the EEPROM interface. If the TNETX15VE is initialized by automatic loading from the EEPROM, it begins
operation automatically.
All functions of this device are fully controllable by management through a direct input/output (DIO) interface.
In addition, this device can interrupt the external management processor with user-selectable interrupts.
This device also provides support for easy management control of IEEE Std 802.3u media-independent
interface (MII) managed devices. A typical application is shown in the following:
MII-Managed
Devices (optional)
Microprocessor
(optional)
SRAM
EEPROM
DWE
DCAS
DRAS
DD35–DD0
VLAN-Engine
Address-
Lookup Device
TNETX15VE
ThunderSWITCH
TNETX3150/TNETX3150A
EAM
DIO
EINT
MDIO
DRAM
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ThunderSWITCH is a trademark of Texas Instruments Incorporated
Ethernet is a trademark of Xerox Corporation.


Similar Part No. - TNETX15VE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
More results

Similar Description - TNETX15VE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
Address Sequencer
February 1998
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_04 Datasheet
283Kb / 13P
Address Sequencer
July 2004
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
Address Sequencer
December 1999
logo
Renesas Technology Corp
R8A20211BG RENESAS-R8A20211BG Datasheet
163Kb / 14P
Network Address Search Engine (9 M/18 M-bit Full Ternary CAM)
logo
Texas Instruments
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
Level One
GTP-2881 LVL1-GTP-2881 Datasheet
489Kb / 5P
Supports port-based VLAN
logo
Rockchip Electronics Co...
RK3399 ROCKCHIP-RK3399 Datasheet
6Mb / 824P
Address Mapping
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Renesas Technology Corp
HSP45240 RENESAS-HSP45240 Datasheet
289Kb / 13P
Address Sequencer
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com