Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments TNETX15VE Datasheet HTML 30Page - Texas Instruments TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
lookup routing-code register, findport at 0x12–0x13 (DIO)
The findport register is a read-only register, except for the portcode field, which returns port assignment
information for the node address contained in the findnode register after a lookup. The data structure for the
findport register depends on the type of address stored in the findnode register or whether the NBCLK FIFO
was searched.
If findnode contains a unicast address, findnode (40) = 0 (bit 40 of the Ethernet adddress is 0):
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NBLCK
SECURE
LOCKED
CUPLNK
PORTCODE
NEW
Reserved
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NBLCK
Not blocked indication. NBLCK overrides the RXblock register.
• If NBLCK is 1, frames destined for this node are forwarded even if the corresponding RXblock bit for
the port that originated the frame is set.
• If NBLCK is 0, frames are forwarded only if the RXblock bit for the port that originated the frame is
not set.
14
SECURE
Secured address indication. SECURE shows the security level for the address contained in the findnode
register. Secure addresses are not aged out and cannot move ports. If a station with a secured address
moves ports, a security violation interrupt is given to the host, and the address is locked.
13
LOCKED
Locked address indication. LOCKED shows the lock status for the address contained in the findnode
register. Locked addresses output a discard code on the EAM interface; frames destined for LOCKED
addresses are not delivered.
12
CUPLNK
Copy frames to uplink indication. CUPLINK shows the copy uplink status for the address contained in the
findnode register. The address tagged by this bit adds the port specified in the uplinkports register to the
routing code. This can affect performance of the TNETX3150/TNETX3150A, as each packet must be linked
to at least two transmit queues.
11–8
PORTCODE
Current port for node. PORTCODE holds the current port for the unicast address shown in the findnode
register. On findport operations, the FIND logic operation uses the port in this field for port-based lookups.
This field is read/writeable. When the FIND logic is operating, this register is locked and no writes can be
performed to it.
7
NEW
New address indication. NEW shows that the node contained in the findnode registers has been added, or
its port has changed, or it has been part of a security violation after the last access by management, or had
its NEW bit explicitly set as part of a management add/edit. The FIND state machine clears this bit when
finding the node.
6–0
Reserved
Writes to this location are ignored and read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com