Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 87 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 87 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments TNETX15VE Datasheet HTML 87Page - Texas Instruments TNETX15VE Datasheet HTML 88Page - Texas Instruments TNETX15VE Datasheet HTML 89Page - Texas Instruments TNETX15VE Datasheet HTML 90Page - Texas Instruments TNETX15VE Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
87
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
aging (AGE logic operation) (continued)
• Once the oldest address is found, AGE keeps this address, enters a waiting state (state = wait for
condition), until one of two conditions occurs:
1.
If the address table is changed by either the ADD logic operation performing an address
addition/time-stamp update or by deleting (DEL) an address, AGE checks the address that ADD
or DEL is working on. If ADD has changed the time stamp for the current oldest address, it must
scan the table for a new oldest address (state = find oldest). If DEL has deleted the current oldest
address, it again must rescan the table for a new oldest address (state = find oldest). If neither
ADD nor DEL touched the current oldest address, it still remains the oldest address and AGE
returns to the wait state (state = wait for condition).
2.
The aging condition is met. In this case, AGE calls on the DEL logic operation to delete the node
from the table. After a successful deletion, AGE rescans the table for the next node to age (state
= find oldest) and then gives an interrupt to the host to indicate the previous oldest address was
deleted from the table.
• Duringthefind-oldestprocessandifAGEisinatime-thresholdage,AGEdeletesalladdressesthatare
over the threshold value.
The aging condition is different for time-threshold aging and table-full aging, and both are described in the
following:
time-threshold aging
In time-threshold aging, the aging condition occurs when the address age is larger than the time threshold
entered in the agingtimer (0x2) registers. The address age is not the time stamp written in the SRAM but the
difference between current time and each time stamp. When this value becomes greater than agingtimer value,
the address is deleted.
Example:
Time threshold value
= 192d seconds (0x00C0)
Current timer value
= 256d seconds (0x0100)
Address time-stamp value =
80d seconds (0x0050)
Address aging time
= 256d – 80d = 176d seconds (0x00B0)
Conclusion: The address is not aged yet since the address aging time (176d seconds) is less than the time
threshold value (192d seconds) by 16d seconds. It takes an additional 16d seconds (0x0010)
for the address aging time to equal the time threshold (192d seconds) (0x00C0) and age
(delete) the address.
table-full aging
Table-full aging is implemented for applications that do not want to use aging based on time, but still require
aging. As its name implies, aging in this mode only happens when the lookup table is full and needs additional
room to add a new address. The ADD logic operation initiates an aging request when it determines that it does
not have enough tables to add the address it is working on. The time behaves differently in this mode. In table-full
aging, the age timer does not increment every second, but rather when a new address is added. There must
be a time difference between addresses to decide which is oldest, but a single count is adequate. Since ADD
time stamps every time it sees a node come through the bus, nodes that are actively transmitting between adds
quickly move up to the same (new) age level. Those nodes that do not transmit remain at the lower age stamps.
It is these nodes that are deleted in table-full aging when the table is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com