Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 45 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments TNETX15VE Datasheet HTML 48Page - Texas Instruments TNETX15VE Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port 00 tag VLAN array, tagVLAN at 0x70–0x77 (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
TagVLAN6/TagVLAN7
TagVLAN4/TagVLAN5
TagVLAN2/TagVLAN3
TagVLAN0/TagVLAN1
0x70
TagVLAN14/TagVLAN15
TagVLAN12/TagVLAN13
TagVLAN10/TagVLAN11
TagVLAN8/TagVLAN9
0x74
The format for the tagVLAN register is (x/y):
BIT
7
6
5
4
3
2
1
0
Reserved
VLANID – Offset x
Reserved
VLANID – Offset y
Initial Values After Reset
0
0
0
0
0
0
0
0
The tagVLAN register array is used with the tag field in the forward pointer portion of the DRAM interface to
chose the VLANID. This array is only valid when a frame comes in from port 00 (uplink).
Each byte contains two VLANIDs, one for each offset (x/y) specified in the name. All VLAN IDs default to 0x0
on a reset. These registers are automatically loaded from the EEPROM in a hardware reset (RESET = 0 or when
DIO address high is 0x40) or when the LOAD bit in the control register is set.
VLANIDs can be interpreted in several ways. In a cascaded situation, the VLANID is a copy of the pretag that
the other system put in front of the packet, and it is used to get the VLANID of the source port for the packet
as it entered the remote system. The value that is prepended to the packet is used as an index to this table to
retrieve the VLANID. In this case, VLANID15 is not likely to be used because the TNETX3150/TNETX3150A
cannot have a packet sourced from a port that does not exist.
If this system is connected to a larger system, then the value prepended to the packet is an external indication
of the VLAN for the incoming packet. Functioning as a pointer to this table, any value in the 4-bit field is allowed.
The TNETX15VE device only supports four VLANIDs in this array (two least-significant bits of a 4-bit field), and
any value in the pretag field can be used to index to the table. For this reason it is important to fill in all the values
in the table unless the higher entity can be restricted to four values of the pretag for four supported VLANIDs.
Future versions of the address-lookup engine might support all four bits or 16 VLANs.
If port 00 is connected to an entity that does not control the pretag field, VLANs cannot extend out of this
TNETX3150/TNETX3150A and TNETX15VE combination. If the packet comes from port 00, the value clocked
off the wire is used as an index to this table. All the table entries must represent the VLANID assigned to port
00 because any value can be clocked off the wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com