Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments TNETX15VE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
management-table lookup interface at 0x0B–0x16 (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
FindVLANID
0x08
Findnode23–Findnode16
Findnode31–Findnode24
Findnode39–Findnode32
Findnode47–Findnode40
0x0C
Findport
Findnode7–Findnode0
Findnode15–Findnode8
0x10
Findcontrol
Findnodeage
0x14
The management-table lookup registers allow the management entity to find information about the node
addresses contained in the table.
These registers are part of the address lookup/inspection mechanism supported through the DIO (host)
interface. An address is fully described by the six bytes of findnode (0xC to 0x11), and one byte of findVLANID
(0xB). Duplicate MAC addresses are handled as long as they are made unique by residing on different VLANs.
Data about an address is returned in findport (0x12). FIND commands are issued through the findcontrol (0x16)
register. They are discussed later in more detail in numerical order.
To cause a FIND operation to execute, the host writes to the findcontrol register (0x16). If a generalized FIND
command is executed (findfirst), the target address is returned in two parts; the MAC address is returned in six
bytes of findnode registers, and the VLANID of that address (actually the VLANID of the port that the addresss
resides on) is returned in findVLANID. If a successive FIND command is executed (findnext), the starting point
to continue the search is the six bytes of findnode and the one byte of findVLANID. The results are returned in
the same registers, overwriting the original values. These registers are read/write between FINDS; the search
picks up with the previous FIND (which loaded these registers), or values left by writes from the host interface.
If a lookup on an address to check parameters is executed, the data returned corresponds to the value in the
six bytes of findnode and one byte of findVLANID when the lookup command was given; the address
parameters are posted in the findport register (0x12, 0x13). The FIND operation completion is detected when
the command bit is written back to 0 (poll) or when the FNDCPLT interrupt is given. The find register block is
discussed later in further detail in numerical order.
lookup VLAN tag register, findVLANID at 0x0B (DIO)
BIT
7
6
5
4
3
2
1
0
Reserved
VLANID
Initial Values After Reset
0
0
0
0
0
0
0
0
The findVLANID register returns the associated VLANID code for the node contained in the findnode registers
on a lookup logic operation. On a FIND operation with the VLAN modifier active, the FIND logic operation uses
this register’s VLANID for searches.
FindVLANID register is a read/write register. When the FIND logic operation is operating, this register is locked
and writes are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com