Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 79 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 79 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
79
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
management-based lookups (FIND)
The FIND logic operation is designed to give the programmer a simple way to find addresses within the lookup
table. The FIND logic operation is controlled from the following internal registers:
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
FindVLANID
0x08
Findnode23–Findnode16
Findnode31–Findnode24
Findnode39–Findnode32
Findnode47–Findnode40
0x0C
Findport
Findnode7–Findnode0
Findnode15–Findnode8
0x10
Findcontrol
Findnodeage
0x14
The interface provides: 48-bit read or writeable register findnode in which the address is placed; a VLANID
register findVLANID in which the node’s VLAN is shown; a 16-bit register findport in which routing information
is placed; and a 16-bit register findnodeage, which contains the age time stamp of the node being looked up.
FIND, FINDFIRST, FINDNEXT, and FINDNEW commands
Four FIND commands can be modified by PORT or VLAN bits: FINDFIRST, FINDNEXT, FIND(LKUP), and
FINDNEW. These are used to interrogate the table that the TNETX15VE built as a result of all ADDS. Without
the modifiers, FIND works on all addresses; each modifier applied reduces the pool. Applying VLAN and PORT
results in an address that matches that VLAN and that PORT.
Also classed as a FIND is FINDNBKR (the interrogation of the FIFO storing and address/port information for
packets that overrode the receive block barrier). Showing the value on the top of the FIFO pops it off.
FINDNEW looks for addresses that still have their NEW bit set. Finding an address with the NEW bit set results
in the NEW bit being cleared. Every FINDNEW operation starts at the beginning of the table. It does not affect
the operation of the FINDNEW to load or leave an address in the findnode registers (0xC–0x11).
The logic performs the command given to it, and indicates that it has stopped looking for the address by
asserting the FNDCPLT bit in the int register. If the FNDCPLT bit in the intmask register is set to a 1, this gives
an interrupt to the host. Another way FIND indicates completion is by clearing its command bits. The findcontrol
register keeps the code that the user has written until the process is complete. For example, if the user writes
a 0x01 to findcontrol (LKUP) then this register reads 0x01 until the FIND logic operation is finished operating.
If an address is found as a result of the command just completed, it is indicated by asserting the FOUND bit in
findcontrol. The FOUND bit indicates that the information in the findnode, findVLANID, findport, and
findnodeage registers is valid.
The FIND command finds a specific user-defined address in the lookup table. The procedure for the FIND
command is as follows:
• Write the 48-bit address query in the findnode register and the node’s 2-bit VLANID in findVLANID.
• Set the LKUP bit in the findcontrol register. The TNETX15VE scans the lookup table for that particular
address.
• Poll the findcontrol register until the LKUP bit is cleared. Since a LKUP is very quick, only a few polling
cycles are required. No interrupt is given for LKUP-operations completing.
• Read the findcontrol register. If FOUND is set, the address was found and the node’s information is
placed in the registers. If FOUND is not set, the address was not found within the lookup table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com