Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 74 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 74 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 70Page - Texas Instruments TNETX15VE Datasheet HTML 71Page - Texas Instruments TNETX15VE Datasheet HTML 72Page - Texas Instruments TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
74
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
EEPROM initialization/automatic loading (LOAD)
The TNETX15VE automatically loads selected registers from an attached 24C02 EEPROM after a hardware
reset or when the LOAD bit in the control register is set. Up to eight 24C02 EEPROMs can be connected across
the same serial interface. They are distinguished by separate addresses that are selectable by pulling address
terminals up or down on each EEPROM. The TNETX15VE requires the automatic loading information in device
number 0x00, starting at location 0x00.
The TNETX15VE determines if the EEPROM device is present. Several conditions cause the TNETX15VE to
determine that a device is not present. If EDIO is pulled down, the EEPROM is assumed to be not present. If
the EEPROM fails to acknowledge (Ack) on data writes, the EEPROM is not present. If the cyclic redundancy
check (CRC) in the EEPROM does not match the internally calculated CRC, the EEPROM is determined to be
not present.
When no EEPROM is detected, The TNETX15VE sets the NEEPM bit in the control register to a 1, and
TNETX15VE is placed in a reset state (RESET and NEEPM are set in the control register) while the registers
assume their default values.
The organization of the EEPROM data is roughly equivalent to the TNETX15VE registers 0x01–0x05 and
0x50–0xEF. The automatic loader reads the register values from the EEPROM and programs the TNETX15VE
accordingly. The last register written is the control register.
The automatic loader can initialize and start up the TNETX15VE if the START bit in the control register is
programmed in the EEPROM. This allows for initialization and startup without a host CPU.
During the automatic loading, no DIO operations are permitted. Both reads and writes stall, that is, SRDY does
not come true on a pending operation until the EEPROM load cycle is over. The load cycle should take (bits per
word) * (words read) * 100 kHz, or 27 * 162 * 100 kHz, or 44 ms. To sense the end, wait for a sample register
read to complete, or wait 50 ms. The download bit, LOAD bit, RESET bit, and any other read only or reserved
bits cannot be set during automatic loading. The CRC for the EEPROM is calculated using the information
written in the EEPROM although information may not be written to the TNETX15VE. For example; a value of
0x8F or 0xFF in the EEPROM for RAMsize are both written as 0x0F in the TNETX15VE since bits 7, 6, 5, and
4 are reserved, but the calculated CRC for the EEPROM for each case is different. As another example, the
byte at 0x2E is currently reserved. The value in the EEPROM is not used, but it is included in the CRC
calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com