Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 56 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 56 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 52Page - Texas Instruments TNETX15VE Datasheet HTML 53Page - Texas Instruments TNETX15VE Datasheet HTML 54Page - Texas Instruments TNETX15VE Datasheet HTML 55Page - Texas Instruments TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments TNETX15VE Datasheet HTML 59Page - Texas Instruments TNETX15VE Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
lookup algorithm (continued)
Table
Table
Table
Table
Table
Table
2nd Level : 2N Tables
22N Threads
23N Tables
3rd Level :
23N Threads
Table
N = Number of Bits Compared
Figure 5. Lookup-Algorithm Table Hierarchy
The first level (root level) has only one table from which it can branch out to 2N possible tables. N is the number
of bits compared. Each additional table in the hierarchy branches down to 2N other possible tables. The second
level contains 2N table and 22N threads. The third level contains 22N tables and 23N threads, and so on.
Because of this exponential growth, the threads and the amount of possible paths at each level soon overtake
the number of addresses required. If this growth was unchecked with an N of 5, the third level would contain
1,024 tables and 32,768 threads. If only 1024 addresses are required, there are more tables allocated than
needed, and most contain NULL pointers.
For bit groups of five (give table sizes of 32), and with five levels of table hierarchy, preassigning all possible
tables at initialization requires more RAM than is possible to attach to the TNETX15VE. Therefore, table
allocation occurs only when a new table is required as a result of discovering a bit pattern at any of the levels
previously unseen. This has several side effects – given the same address set, entering them into the table in
a different order yields different SRAM contents; pointer values are written to the table entries to point to the
next level in the hierarchy since it is dynamically allocated. An address is in the table if there are valid entries
at each level in the hierarchy (as each n-bit part of the address is inspected) that continue all the way down to
a leaf where the characteristics of that address are stored. An address is not present in the table when there
is a 0 pointer at any level of the decode. Addresses that are sequential share all the intermediate pointers down
to the address of the leaf. Addresses with at least one bit different in each n-bit inspection unit occupy completely
different tables. The worst-case rating on the storage capacity of the TNETX15VE SRAM assumes that each
address is different from all the others by at least one bit in each inspection unit. This implies that each card is
from a different manufacturer, and no serial number of any card is within a table size of any other card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com