Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 25 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 25 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 21Page - Texas Instruments TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
25
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
serial interface I/O register, SIO at 0x0A (DIO)
BIT
7
6
5
4
3
2
1
0
NMRST
MCLK
MTXEN
MDATA
MDIOEN
ECLOK
ETXEN
EDATA
Initial Values After Reset
0
0
0
MDIO
0
0
0
EDIO
The SIO register contains the control bits for two serial interfaces to TNETX15VE. Setting the outbound signals
changes the state of the external terminal. Sampling the inbound signals gives the state of the external terminal.
The MII to the PHY devices has a serial management portion. This interface can have multiple masters, and
allows for two way data between master and slave. The interface to the EEPROM is simpler because it is a
dedicated path between one TNETX15VE and its EEPROM, although it is also serial and two way.
BIT
NAME
FUNCTION
7
MNRST
MII NOT reset. The state of MNRST directly controls the state of the MRESET line (MII reset)
• If MNRST is set to 0: The MRESET line is set to 0.
• If MNRST is set to 1: The MRESET line is set to 1.
This bit is not self-clearing and must be manually deasserted. It can be set low and then immediately set
high. Since every PHY attached to the MII may not have a reset terminal, you need to do MNRST and also
individually reset each PHY through MII commands. The default state of this bit is 0 (MII is in reset). The
MDIOEN bit must be set to drive MRESET.
6
MCLK
MII SIO clock. MCLK controls the state of the MDCLK terminal. The MDIOEN bit must be set to drive
MDCLK.
• When MCLK is set to 1, MDCLK is set to 1.
• When MCLK is set to 0, MDCLK is set to 0.
5
MTXEN
MII SIO transmit enable. MTXEN is used with the MDATA bit to read/write information from/to the MDIO
terminal. The MDIOEN bit must be set to drive MDIO.
• When MTXEN is set to 1, the MDIO terminal is driven with the value in the MDATA bit.
• When MTXEN is set to 0, MDATA is loaded with the value in the MDIO terminal.
4
MDATA
MII SIO data. MDATA is used with MTXEN to read/write information from/to the MDIO terminal.
• When MTXEN is set to 1, MDIO is driven with the value in this bit.
• When MTXEN is set to 0, this bit is loaded with the value on MDIO.
The MDIOEN bit must be set to drive MDIO. The default value of this bit is the value driven on the MDIO
terminal.
3
MDIOEN
MII SIO data terminal enable. MDIOEN controls the high-Z state of the MDIO, MDCLK, and MRESET
terminals.
• Setting MDIOEN to 1 enables MII.
• Setting MDIOEN to 0 places MII in a high-Z state.
The default state of this bit is 0 (MII disabled)
2
ECLOK
EEPROM SIO clock. ECLOK controls the state of the ECLK terminal.
• When ECLOK is set to 1, ECLK is set to one.
• When ECLOK is set to 0, ECLK is set to 0.
1
ETXEN
EEPROM SIO transmit enable. ETXEN controls the direction of the EDIO terminal.
• When ETXEN is set to 1, EDIO is driven with the value in the EDATA bit.
• When ETXEN is set to 0, EDATA is loaded with the value on the EDIO terminal.
0
EDATA
EEPROM SIO data. EDATA is used to read or write the state of the EDIO terminal.
• When EXTEN is set to 1, EDIO is driven with the value in this bit.
• When EXTEN is set to 0, EDATA is loaded with the value on EDIO.
The default value of this bit is the value driven on the EDIO terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com