Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 41 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 41 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
management delete address interface group at 0x2C, 0x48–0x4F (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Adddelcontrol
0x2C
0x30
0x34
0x38
0x3C
0x40
0x44
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delport
DelVLANID
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
The management delete address interface is used with the DEL bit in the adddelcontrol register to perform
management deletions from the lookup table.
lookup table add/delete command register, adddelcontrol at 0x2C (DIO), byte 0
BYTE 0
BIT
7
6
5
4
3
2
1
0
Reserved
DELP
DELV
ADD
DEL
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Writes to this location are ignored and are read as 0.
3
DELP
Delete all addresses on port. When DELP is asserted, the TNETX15VE deletes all addresses whose port
assignment matches the delport register. DELP remains asserted until the delete process is complete. A
DELP operation does not delete multicast addresses or addresses that have been marked as secure. This
bit can be asserted at the same time as the DELV bit but not if the DELV bit is previously set ( writing a 0x0C
is permitted, but not 0x08 if the DELV bit is previously a 1). Asserting both bits kills all addresses that meet
both conditions.
2
DELV
Delete all addresses on VLAN. When DELV is asserted, the TNETX15VE deletes all addresses whose
VLAN assignment matches the delVLANID register. DELV remains asserted until the delete process is
complete. A DELV operation does not delete multicast addresses or addresses that have been marked as
secure. This bit can be asserted at the same time as the DELP bit but not if the DELP bit is previously set
(writing a 0x0C is permitted, but not 0x04 if the DELV bit is previously a 1). Asserting both bits kills all
addresses that meet both conditions.
1
ADD
See the add process bit under
lookup table add/delete command register
0
DEL
Address delete. When DEL is asserted, the TNETX15VE uses the information contained in the
management delete address interface to delete an address from the lookup table. DEL remains asserted
until the delete process is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com