Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 91 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 87Page - Texas Instruments TNETX15VE Datasheet HTML 88Page - Texas Instruments TNETX15VE Datasheet HTML 89Page - Texas Instruments TNETX15VE Datasheet HTML 90Page - Texas Instruments TNETX15VE Datasheet HTML 91Page - Texas Instruments TNETX15VE Datasheet HTML 92Page - Texas Instruments TNETX15VE Datasheet HTML 93Page - Texas Instruments TNETX15VE Datasheet HTML 94Page - Texas Instruments TNETX15VE Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
91
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IEEE Std 1149.1 test-access port (JTAG)
The test-access port consists of five terminals that are used to interface serially with the TNETX15VE package
for boundary-scan testing.
The TNETX15VE is fully JTAG compliant, with the exception of requiring external pullup resistors on the
following terminals: TDI, TMS, and TRST.
The following instructions, with their 3-bit opcodes, are supported by JTAG.
INSTRUCTION
TYPE
NAME
JTAG
OPCODE
Mandatory
EXTEST
0000
Mandatory
SAMPLE/PRELOAD
0001
Private
ATPG
0010
Private
Self exercise
0011
Optional
IDCODE
0100
Optional
HIGH Z
0101
Private
PMT
0110
Private
IDDQ
1110
Mandatory
BYPASS
1111
The IDCODE for the TNETX15VE is:
VARIANT
PART NUMBER
MANUFACTURER
LEAST-SIGNIFICANT
BIT
Bit number
31–28
27–12
11–1
0
Binary code
0000b
1011 0001 0110 1011b
000 0001 0111b
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com