Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments TNETX15VE Datasheet HTML 59Page - Texas Instruments TNETX15VE Datasheet HTML 60Page - Texas Instruments TNETX15VE Datasheet HTML 61Page - Texas Instruments TNETX15VE Datasheet HTML 62Page - Texas Instruments TNETX15VE Datasheet HTML 63Page - Texas Instruments TNETX15VE Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SRAM data storage
internal SRAM allocation
The internal 4K x 16 SRAM is divided into two 2K x 16 units. Data can be fetched from both blocks at the same
time using a common address. The lower addresses in each page are devoted to the FIFO memory structures.
The bus-watcher FIFO stores source addresses of packets for checking to see if that address needs to be added
to the table after the destination address is looked up to route the packet. The NBLCK FIFO primarily stores
the BPDU packet source address and source ports during spanning-tree resolution. Each FIFO uses the
address in both pages to speed storage and retrieval.
Starting with the 0x05E/0x85E pair, information about each address present in the table is stored. This is the
leaf or end of the table structure mentioned in the previous section. The lower address contains the flag and
port coding word (see definition of findport register, 0x12/0x13), and the upper address contains the age of that
address (see definition of
findnodeage register, 0x14/0x15).
The range of 0x5E to 0x7FF gives room for information on 1954 addresses that are stored here. All the
intermediate tables are stored in the external SRAM. Internal RAM is faster, and storing the information about
an address (table leaf) internally allows several operations that conclude an address lookup, such as looking
up the VLANID bits, to be overlapped to ensure completion.
Internal SRAM allocation is shown in Figure 10.
0x000
Address
Upper FIFO Block
Lookup Table –
Age Time-Stamp
0x05D
0x05E
0x05F
0x060
0x7FD
0x7FE
0x7FF
0x800
0x85D
0x85E
0x85F
0x860
0xFFD
0xFFE
0xFFF
Lookup Table –
Flag/Port Coding
Lower FIFO Block
Section
Figure 10. Internal SRAM Allocation
Three bytes of information are needed for each of the port’s FIFO locations. The address-lookup table leaves
are partitioned into two words for each address. The TNETX15VE places the routing codes and age time stamp
in these two words. There are 1954 pairs of words that limit the address table to 1954 nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com