Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 28Page - Texas Instruments TNETX15VE Datasheet HTML 29Page - Texas Instruments TNETX15VE Datasheet HTML 30Page - Texas Instruments TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments TNETX15VE Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SRAM address register, RAMaddr at 0x20–0x22 (DIO)
The RAMaddr register is used with the RAMdata (at 0x24, 0x25) register to access the TNETX15VE internal
or external SRAM. The SRAM accessed (internal or external) is selected through the RSEL bit.
BYTE 2
BYTE 1
BYTE 0
BIT
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INC
Reserved
RSEL
RAM ADD
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
23
INC
Address auto-increment. When INC is 1, this increments the RAM ADD field to access the next location in
the SRAM. The address is incremented by one after every time a read or write is performed on the
most-significant byte of the RAMdata register.
22, 21
Reserved
Writes to this location are ignored and read as 0.
20
RSEL
SRAM access select. RSEL selects whether the SRAM to be accessed is the internal or the external SRAM.
•
If RSEL is 1, accesses are to the internal SRAM.
•
If RSEL is 0, accesses are to the external SRAM.
19–0
RAM ADD
RAM address. This 21-bit field holds the address of the SRAM location, which is read or written. The data
that is to be read or written is placed in the RAMdata register. The internal SRAM is 4K
× 16 in size. The
unused RAM ADD bits are 0 when posting an address for either internal or external access. This interface
is read/write at all times except during reset.
manufacturing test register, MANtest at 0x23 (DIO)
This register is reserved for Texas Instruments manufacturing test. It is written to 0x0 for normal operation. All
reset mechanisms leave 0x0 in this register, and it is not loaded from the EEPROM. It is written to only when
the START bit is not set to 1.
It contains mechanisms, for example, that increment all the counters at the same time (or run the aging algorithm
quicker than usual to decrease the time required to test the part at manufacture). Setting any of these bits results
in abnormal operation. To allow improvement to the testing, these functions are subject to change.
SRAM data register, RAMdata at 0x24–0x25 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAM DATA
Data at SRAM (0x000000)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The RAMdata register is used to access the SRAM address held in the RAM ADD field of the RAMaddr register.
This field is 16-bits wide. The SRAM accessed (internal or external) depends on the RSEL bit in the RAMaddr
register.
• Writes to the RAM are executed when the MS byte of the RAMdata register is written to by the host.
When depositing values for transfer to SRAM, write the least-significant byte first.
• Reads are accomplished by reading the data from either byte in the RAMdata register.
• The SRAM address to be accessed should be placed in the RAMaddr register. If the INC bit in the
RAMaddr register is 1, the address to be accessed is increased after each time the most-significant byte
of RAMdata is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com