Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 20Page - Texas Instruments TNETX15VE Datasheet HTML 21Page - Texas Instruments TNETX15VE Datasheet HTML 22Page - Texas Instruments TNETX15VE Datasheet HTML 23Page - Texas Instruments TNETX15VE Datasheet HTML 24Page - Texas Instruments TNETX15VE Datasheet HTML 25Page - Texas Instruments TNETX15VE Datasheet HTML 26Page - Texas Instruments TNETX15VE Datasheet HTML 27Page - Texas Instruments TNETX15VE Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mode-control status register, control at 0x08–0x09 (DIO) (continued)
BIT
NAME
FUNCTION
15
RESET
Reset. Writing a 1 to RESET places the TNETX15VE in a hardware reset state. This function sets all internal
logic operations to a known state, and clears all registers (except for control). (All data from the lookup table
is lost.) This bit is not automatically loaded from the EEPROM. If EEPROM automatic loading fails, then the
RESET bit is set to 1. This bit must be cleared by the host for the part to exit the reset state.
14
LOAD
Load system. Writing a 1 to LOAD starts the automatic loading of registers from the attached EEPROM. This
bit is not automatically loaded from the EEPROM. The EEPROM automatic loader clears this bit to 0 (writing
0 to this bit has no effect). This is another way to initialize registers besides the auto-load (if EEPROM
present) after reset.
13
START
Start system. Writing a 1 to START causes the TNETX15VE to begin operation. While the SRAM tables are
initialized, no address checking is performed. (Writing a 0 to this bit has no effect.)
12
INITD
RAM-initialization-done signal. INITD becomes high when the lookup table SRAM is initialized. The
TNETX15VE begins learning/matching addresses after this signal goes high. This is a read-only bit. Expect
this to take 40
µs (internal RAM) + 40 ns × RAMsize.
11
NEEPM
No external EEPROM. NEEPM indicates when an internal EEPROM is detected. If this bit is 1, no EEPROM
is present, or the TNETX15VE is unable to detect it. If this bit is set to 0, an EEPROM is detected. This is
a read-only bit.
10
NAUTO†
NOT automatically add-address mode select. NAUTO selects the manner in which addresses are added
to the lookup table. In NAUTO mode, the aging logic operation is disabled. It is management’s responsibility
to manage the lookup table in this mode.
• When set to 1, the TNETX15VE adds addresses only to the lookup table when a DIO ADD command
is given to it.
• When set to 0, the TNETX15VE automatically adds unknown addresses to its lookup table.
9–8
Reserved
Writes to these locations are ignored and read as 0.
7
NIOB
Not-in-order broadcast coding. NIOB must be set to 0. The obsolete mode requested by setting this bit to
1 does not properly support multicast, VLAN, or spanning tree. NIOB must be matched by the
TNETX3150/TNETX3150A mode bit that is inverted (IOBMOD = 1) from the TNETX15VE mode bit.
6
Reserved
Writes to these locations are ignored and read as 0.
5
NCRC†
No CRC check. NCRC enables/disables the add-on-only-good CRC function.
• When set to 1, the TNETX15VE adds frames immediately after the source address is found on the
DRAM bus. A good CRC is not required to add the source address to the table.
• When set to 0, the TNETX15VE waits until the EOB/EOF and a good CRC indication before adding
addresses.
4
MIRR
Mirror-port mode. MIRR enables port-mirroring capabilities for the TNETX15VE. The port to be mirrored is
written in the mirrorport register.
• When set to 1, all frames received on this port or sent to this port are copied to the port specified in
the UPLINKport register.
• When set to 0, the TNETX15VE does not perform port mirroring.
3–0
Reserved
Writes to these locations are ignored and read as 0.
† These signals should not be allowed to change state after the TNETX15VE begins operation (by writing a 1 to START).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com