Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 40 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 36Page - Texas Instruments TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
If addnode is a unicast address, (addnode (40) = 0), addport is defined as follows:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NBLCK
SECURE
LOCKED
CUPLNK
PORTCODE
NEW
Reserved
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NBLCK
Not-blocked indication. NBLCK sets the RXblock override function.
• If NBLCK is set, frames destined for this node are forwarded even if the corresponding RXblock bit for
the port is set.
• If NBLCK is not set, frames are forwarded only if the RXblock bit for the port is not set.
14
SECURE
Secured address flag. SECURE is used to change the security level for the address contained in the
addnode register.
13
LOCKED
Locked address flag. LOCKED locks/unlocks the address contained in the addnode register on an add
operation. Locked addresses output a discard code on the EAM interface.
12
CUPLINK
Copy frames to uplink flag. CUPLINK sets the copy uplink status for the address contained in the addnode
register. Addresses tagged by this bit add the port (specified in the uplinkports register) to the routing code.
11–8
PORTCODE
Current port code for address. The value in PORTCODE becomes the port to which packets (sent to this
address) are forwarded. In addresses that are added automatically to the table, the source port goes to this
field, and the VLAN assigned to that port becomes part of the address (see principles of operation, SRAM
allocation, lookup table SRAM allocation). This field is writeable, and can be used to redirect traffic.
However, losing the VLANid to port synchronization results in leaky VLANs.
7
NEW
New-address indication. NEW changes the NEW field for the node contained in the addnode register. This
address can now be found easily by a NEW find command.
6–0
Reserved
Writes to this location are ignored and read as 0.
If addnode is a multicast address, (addnode (40) = 1), addport is defined as follows:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NBLCK
PORTFLAG
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NBLCK
Not-blocked flag. NBLCK sets the RXblock register override for the multicast address contained in the
addnode register.
• If NBLCK is set, frames destined for this multicast address are forwarded even if the corresponding
RXblock register bit for the port that originated the frame is set.
• If NBLCK is not set, frames are forwarded only if the RXblock register bit for the port that originated
the frame is not set.
14–0
PORTFLAG
Current PORTFLAG for multicast. PORTFLAG changes the port assignment for the multicast address
contained in the addnode register. The bit values in this field correspond one-to-one with the
TNETX3150/TNETX3150A port assignment. It is the user’s responsibility not to put a value in this field that
would cause leaky VLANs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com