Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 59 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 55Page - Texas Instruments TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments TNETX15VE Datasheet HTML 59Page - Texas Instruments TNETX15VE Datasheet HTML 60Page - Texas Instruments TNETX15VE Datasheet HTML 61Page - Texas Instruments TNETX15VE Datasheet HTML 62Page - Texas Instruments TNETX15VE Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
a graphical example of the lookup algorithm (continued)
Table
Table
Table
Table
Table
Table
Table
Figure 9. Address Distribution Table Hierarchy (Worst Case)
There is a need to allocate for worst case, but since the worst case is not likely to happen in a real system, the
opportunity exists to include more addresses than indicated by the worst-case rating. The actual number of
addresses supported depends on the nature of the nodes in the network. TNETX15VE devices in networks with
nodes from one or a small number of manufacturers are able to recognize more addresses than those in a purely
random-address network.
This algorithm has the primary advantage that the lookup time is independent of the number of addresses stored
in the lookup table. Whether the number of addresses present is one or a million, the lookup time depends on
the number of levels required to match the address.
Another side effect of this algorithm is that the table order is already sorted (smallest to largest).
The choice of N (the number of bits to consider each cycle) is a balance of:
1.
The size of each table — it must be 2N words.
2.
The clocks required to process a whole address (in this case 48 IEEE addresses plus two VLAN bits) are
50
÷ N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com