Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 54 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 50Page - Texas Instruments TNETX15VE Datasheet HTML 51Page - Texas Instruments TNETX15VE Datasheet HTML 52Page - Texas Instruments TNETX15VE Datasheet HTML 53Page - Texas Instruments TNETX15VE Datasheet HTML 54Page - Texas Instruments TNETX15VE Datasheet HTML 55Page - Texas Instruments TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments TNETX15VE Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
decoding the destination address (DA) and source address (SA) from the DRAM bus
The TNETX3150/TNETX3150A writes data to the DRAM buffers in a specific format (refer to the
TNETX3150/TNETX3150A data sheet for additional information on this format). The TNETX15VE recognizes
this format to determine the correct destination and source addresses. The format for the DA and the SA is
shown in the following:
CYCLE
BIT
31
25
24
16
15
8
7
0
1
DA23–DA16
DA31–DA24
DA39–DA32
DA47–DA40
2
SA39–SA32
SA47–SA40
DA7–DA0
DA15–DA8
3
SA7–SA0
SA18–SA8
SA23–SA16
SA31–SA24
The node addresses are transmitted on the DRAM bus in the Ethernet native data format. This is the same
format in which the address appears in the frame. Ethernet first transmits the least-significant bit of a data byte
on the wire. This makes the specific/group bit appear in bit 40 (least-significant bit of most-significant byte). For
example, a destination address of 0x12.34.56.78.9A. BC and a source address of 0xDE.F1.23.45.67.89 is seen
on the DD terminals as follows:
CYCLE
BIT
31
25
24
16
15
8
7
0
1
0x78
0x56
0x34
0x12
2
0xF1
0xDE
0xBC
0x9A
3
0x89
0x67
0x45
0x23
CRC checking and valid frames
The TNETX15VE determines the status of the frame when the end of buffer (EOB) followed by an end of frame
(EOF) is detected. CRC checking is determined from the frame-status field. The code for a good CRC is frame
status = 000b. All other frame-status codings indicate that the TNETX3150/TNETX3150A aborts the frame due
to either a CRC error, a FIFO overflow, or a network error. The frame status is checked when the option of adding
addresses to TNETX15VE tables on a good CRC is indicated rather than immediately.
operating logic arbitration
The lookup table is contained in both the external and internal SRAM. All of the TNETX15VE logic operations
share access to this SRAM. An arbitration scheme is implemented to give all logic operations fair access to the
SRAM while meeting the lookup-timing requirements.
The TNETX15VE contains seven logic operations that require the use of the SRAM bus. They are: the RAM
initialization logic operation (INIT), the lookup logic operation (LKUP), the delete logic operation (DEL), the add
logic operation (ADD), the management address-lookup logic operation (FIND), the RAM registers RAMaddr
and RAMdata (REG), and the aging logic operation (AGE).
The arbiter assigns a priority to each logic operation. The highest priority is assigned to the INIT logic operation
to initialize the TNETX15VE after a reset. After initialization, LKUP becomes the logic operation with the highest
priority. LKUP has the highest priority on the bus because it is the logic operation that is the most time critical.
The next priority level is shared by ADD and DEL. Register-based accesses (REG) are followed by the FIND
logic operation. AGE becomes the lowest priority. Figure 4 shows the priorities of the TNETX15VE logic
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com