Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 48 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 48 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments TNETX15VE Datasheet HTML 47Page - Texas Instruments TNETX15VE Datasheet HTML 48Page - Texas Instruments TNETX15VE Datasheet HTML 49Page - Texas Instruments TNETX15VE Datasheet HTML 50Page - Texas Instruments TNETX15VE Datasheet HTML 51Page - Texas Instruments TNETX15VE Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mirror port select register, mirrorport at 0xF2 (DIO)
BIT
7
6
5
4
3
2
1
0
Reserved
Mirrorport
Initial Values After Reset
0
0
0
0
0
0
0
0
The mirrorport register selects the TNETX3150/TNETX3150A port that is monitored when the MIRR bit in the
control register (0x8, 0x9) is on.
blocking registers
The blocking registers and the CPUTX register support the various states of the spanning-tree algorithm.
The TXblock register allows the host to stop packets from being queued for output (forwarded or transmitted)
on a port-by-port basis. Any port with its corresponding bit set does not have any frames added to its transmit
queue, except by the transmit-override mechanism. The CPUTX register is used to activate the
transmit-override mechanism. When the TX routing code is not 0xF, the next frame from the CPU port is queued
and transmitted on the TX routing code port, regardless of the state of the TXblock bit for that port. The CPU
port value specifies the source port of a specially treated packet, and the TX routing code value specifies the
destination port of a specially treated packet.
The RXblock register allows the host to not accept packets on a port-by-port basis. The bit numbers correspond
to the port being blocked. Packets that arrive from any station on a port with its corresponding bit set are ignored.
They are not counted in any of the statistics counters. This barrier is overridden on an address-by-address basis
by setting the NBLCK bit (bit 15 of the addport register) via an ADD/EDIT operation. Addresses with this bit set
are received normally.
Using the CPUTX register to queue a frame for transmission bypasses the normal TNETX15VE table lookup
on the destination address, and overrides the TXblock barrier to transmit. This mechanism can be used at any
time to steer one packet from the CPU port to the TX routing code port. The CPUTX register is reset to 0xF, a
nonfunctional value, after one packet is handled under its influence.
The CPUTX register is used to reply to received spanning-tree BPDU packets. The multicast address port vector
for BPDUs is set to point only to the port where the management entity was connected – this would ensure that
the BPDUs are sent to the right place. The NBFR bit (bit 5) of the findcontrol register (0x16) would be used to
discover the source port for each inbound BPDU. When the reply is composed, the CPUTX register is used to
steer the packet to the right port, past the TXblock barrier.
forwarding block register, TXblock at 0xF4–0xF5 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TXblock
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The TXblock register blocks forwarding (transmitting) on ports that have their corresponding bit set. Packets
destined for ports that are forwarding blocked are discarded. The TXblock register can be overridden on one
frame at a time using the CPUTX registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com