Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 69Page - Texas Instruments TNETX15VE Datasheet HTML 70Page - Texas Instruments TNETX15VE Datasheet HTML 71Page - Texas Instruments TNETX15VE Datasheet HTML 72Page - Texas Instruments TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
initialization
The TNETX15VE can be designed for stand-alone use, with no need for a management CPU. It can be reset
and initialized with or without a host CPU. This section deals with the steps necessary to bring the TNETX15VE
up to an operating level.
TNETX3150/TNETX3150A initialization
If multiple port EAM codings are used (forwarding to multiple ports), then TNETX3150/TNETX3150A IOBMOD
bit in the systcl register must be set to a 1. For proper operation, this TNETX3150/TNETX3150A setting must
be matched by setting NIOB in the TNETX15VE control register (0xA) to 0. If both bits are reversed (IOBMOD
in TNETX3150/TNETX3150A systcl register = 0, NIOB in TNETX15VE control register =1), the ability to send
frames to multiple ports, but not all ports, is lost. Multicasts become broadcasts to all ports, regardless of VLAN.
Also the broadcast is not in order with other traffic on each transmit queue. If both bits are set to 1 or 0,
unpredictable behavior results.
The user must also disable the TNETX3150/TNETX3150A internal address matching when using the
TNETX15VE. This is accomplished by writing a 1 to the ADRDIS bit in the port control register of each port. For
detailed information on the TNETX3150/TNETX3150A, the reader is referred to the TNETX3150/TNETX3150A
data sheet.
resetting the TNETX15VE
hardware reset
The TNETX15VE is hardware reset by asserting RESET low. The TNETX15VE comes out of reset when RESET
goes high. The TNETX15VE can also be hardware reset through the DIO interface by writing a 0x40 to the DIO
address high access register (DIO address low is a don’t care). Both actions are equivalent.
During a hardware reset, no access to the internal registers is allowed. A read or write stalls, that is, SRDY does
not go low until the hardware reset stimuli is removed. All access registers and internal registers are initialized
to default values.
If an EEPROM is detected (after a hardware reset), the TNETX15VE begins the EEPROM auto-loading
process. No DIO operations are allowed during auto-loading.
software reset
The TNETX15VE is software reset by setting the RESET bit to a 1 in the control register (0x08,0x09 DIO). The
TNETX15VE remains in the reset state until this bit is cleared. All internal registers are initialized to default
values during a software reset, except for the control register, which keeps its current value. Reading the internal
registers is allowed during a software reset, but the user is not able to write to any register (except for the control
register) (SRDY does not go low).
The EEPROM auto-loading process does not start during a software reset. The user must assert the LOAD bit
in the control register for auto-loading to start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com