Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 84 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 84 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments TNETX15VE Datasheet HTML 82Page - Texas Instruments TNETX15VE Datasheet HTML 83Page - Texas Instruments TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments TNETX15VE Datasheet HTML 87Page - Texas Instruments TNETX15VE Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
84
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
adding an address
The ADD logic operation is responsible for new address additions to the lookup table, address port changes,
marking the address as NEW, modifying the information stored in the lookup table, and keeping the address
time stamp current. The TNETX15VE implements a single ADD logic operation and shares it between automatic
adds from the wire and host port additions. The TNETX15VE prioritizes wire adds over management adds. It
completes an add request before starting another add request.
The ADD algorithm is summarized as follows:
• ADD performs a lookup to determine if the source address exists in the table.
• If the address exists, ADD verifies that the port assignment has not changed. If the port assignment
changes and the address is not secured, a CHNG interrupt is issued; if the address is secured, a
SECVIO interrupt is issued. If NAUTO = 0 and the address is unsecured, ADD updates the port and sets
the NEW bit. In all cases, ADD updates the AGE time stamp.
• Iftheaddressdoesnotexist,aNEWinterruptisissued.IfNAUTO=0,ADDaddstheaddresstothetable
with the current time stamp and the NEW bit is set.
Adding an address may require allocating additional lookup tables. It is possible that during the adding process
no more lookup tables are available for address additions. A FULL interrupt is issued to the host, and the ADD
operation stalls, pending the resolution of the no-space-available situation. In this situation, the following occurs:
• If the NAUTO bit is set to 1 (host-managing table), the host deletes addresses in the table until enough
are deleted to make space for the new address. Depending on the shared tables used by the addresses
being deleted, and the tables that are shared by the inbound address, it is possible that many addresses
may have to be deleted for the new address to fit. When enough space is available, the ADD operation
completes, as denoted by the ADD bit in the adddelcontrol register, 0x2C, going to 0.
• IftheNAUTObitissetto0(TNETX15VEmanagingtable),theTNETX15VEdeletesasmanyaddresses
as necessary to fit the new address into the table by deleting the oldest addresses, using the AGE
function.
The following modes indicate control and other options that affect the ADD logic operation.
NAUTO mode
NAUTO mode is selected by setting the NAUTO bit in the control register to 1. In NAUTO mode, the ADD logic
operation does not add addresses off the wire. The only way addresses are added, moved, or edited is through
the register interface. The wire ADD state machine does continue checking addresses going by on the wire,
but the host processor must act on an indication of a new address to have that address placed in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com