Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 77 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 77 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 73Page - Texas Instruments TNETX15VE Datasheet HTML 74Page - Texas Instruments TNETX15VE Datasheet HTML 75Page - Texas Instruments TNETX15VE Datasheet HTML 76Page - Texas Instruments TNETX15VE Datasheet HTML 77Page - Texas Instruments TNETX15VE Datasheet HTML 78Page - Texas Instruments TNETX15VE Datasheet HTML 79Page - Texas Instruments TNETX15VE Datasheet HTML 80Page - Texas Instruments TNETX15VE Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
77
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
NLRN mode
The no-learn (NLRN) mode disables the automatic wire learning of node addresses that are assigned to a port
on a port-by-port basis. While learning is turned off, no inbound frames can affect time stamps for addresses
already received. If the address was present in the table and aging is running, the address can age out even
if frames are being received from that source address. NLRN mode does not disable a port and prevent it from
receiving or transmitting frames.
TX block mode
The transmit-blocking (TX block) mode disables the transmission of frames by any port in this mode. Frames
are still received and forwarded to other ports from this port with this mode set.
RX block mode
The receive-blocking (RX block) mode blocks all frames from being received by any port in this mode. Address
learning from this port is not disabled in this mode.
TX block, RX block and NLRN can be used in combinations.
lookup table SRAM initialization (START)
The lookup table is automatically initialized by the TNETX15VE with no need for an external processor. The
steps for initializing are:
• Write to RAMsize the size of the external SRAM. Writing to RAMsize can be performed by a CPU or the
EEPROM auto-load operation.
• Assert the START bit in the control register. This is accomplished either by the CPU or EEPROM.
• TheTNETX15VEindicatesthecompletionofthelookup-tableinitializationbysettingtheINITDbitinthe
control register to 1.
TNETX15VE clears the lookup table by writing 0x0000 to all available locations and then initializes the data
structures (FIFO, lookup tables). After these operations are done, The TNETX15VE performs lookups, adding,
and aging operations as directed by mode bits.
frame forwarding-LKUP logic operation
The lookup (LKUP) logic operation is designed for two important tasks: 1) perform time-critical lookups of the
wire within the TNETX3150/TNETX3150A’s allotted time, and 2) forward the frame to the right ports. The LKUP
logic operation works independently from all other logic operations and from the management CPU. To meet
the timing requirements, this logic operation occupies the highest priority on the SRAM bus.
LKUP logic operation performs a lookup on the destination address of the frame, plus a 2-bit VLAN, and routes
traffic accordingly. The destination address is found from the DRAM interface. The VLANID used is determined
from the tag field and the source port, as described previously.
The lookup logic operation routes the frame differently, depending on whether the frame is found in the lookup
table. Other registers and conditions also affect these routing options. The registers that affect routing options
are VLANID, VLANmask, tagVLAN, control, TXblock, RXblock, mirrorport, and uplinkport. The LOCKED and
CUPLNK bits contained in the lookup table also affect the routing options for unicasts. The NBLCK flag affects
the routing options for unicasts and multicasts.
Nominally, if an address is found, the TNETX15VE uses the information contained in the lookup table for routing.
If the address is not found, the TNETX15VE broadcasts the frame to the ports indicated in the VLANmask
register for the VLAN associated with the source port. The other registers listed above block forwarding or send
the packet to additional ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com