Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 99 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 99 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 95Page - Texas Instruments TNETX15VE Datasheet HTML 96Page - Texas Instruments TNETX15VE Datasheet HTML 97Page - Texas Instruments TNETX15VE Datasheet HTML 98Page - Texas Instruments TNETX15VE Datasheet HTML 99Page - Texas Instruments TNETX15VE Datasheet HTML 100Page - Texas Instruments TNETX15VE Datasheet HTML 101Page - Texas Instruments TNETX15VE Datasheet HTML 102Page - Texas Instruments TNETX15VE Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
99
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
When the host is driving the EEPROM interface through the SIO register (0x0A0), the output terminals are
copies of register bits synchronized by OSCIN rising, and the input register bits are copies of the device
terminals synchronized by OSCIN rising. This adds a maximum of 20 ns of delay in each direction, which is
negligible in terms of the maximum signal change rate allowed for the EEPROMs (approximately 100 kHz), or
the MDIO (MII management). The timing for these interfaces is set at the rate that register bits are set in
software. For detailed descriptions of the EEPROM requirements, the reader is referred to the data sheet for
the part in question. For detailed descriptions of the MII management interface, the reader is referred to the IEEE
Std 802.3 specification.
When the TNETX15VE is driving the EEPROM during the automatic register load cycle, the timing on the
EEPROM is shown in Figure 24.
operating characteristics over recommended operating conditions (see Note 12 and Figure 24)
EEPROM interface timing
NO.
PARAMETER
MIN
MAX
UNIT
fclock
Clock frequency, ECLK
98
kHz
1
td(EDIO)1
Delay time, from ECLK
↑ to EDIO↓
5
µs
2
td(ECLK)1
Delay time, from EDIO
↓ to ECLK↓
5
µs
3
td(EDIO)2
Delay time, from ECLK
↓ to EDIO invalid
0
µs
4
td(ECLK)2
Delay time, from EDIO valid to ECLK
10
ns
5
td(EDIO)3
Delay time, from ECLK
↓ to EDIO valid
0
µs
6
td(EDIO)4
Delay time, from ECLK
↓ to EDIO invalid
0
µs
7
td(EDIO)5
Delay time, from ECLK
↑ to EDIO↑
5
µs
NOTE 12: The following timing refers to the waveforms that the TNETX15VE logic operation outputs while in operation. The EEPROM interface
also can be accessed through the SIO register. When accessing the EEPROM through SIO, it is the user’s responsibility to ensure
proper timing. Proper timing is ensured through software by toggling the appropriate SIO bits at the appropriate time.
7
ECLK
(output)
EDIO
(output)
EDIO
(input)
1
2
5
6
3
4
Valid
Valid
Figure 24. EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com