Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 102 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 98Page - Texas Instruments TNETX15VE Datasheet HTML 99Page - Texas Instruments TNETX15VE Datasheet HTML 100Page - Texas Instruments TNETX15VE Datasheet HTML 101Page - Texas Instruments TNETX15VE Datasheet HTML 102Page - Texas Instruments TNETX15VE Datasheet HTML 103Page - Texas Instruments TNETX15VE Datasheet HTML 104Page - Texas Instruments TNETX15VE Datasheet HTML 105Page - Texas Instruments TNETX15VE Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
102
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 2.4 V and to a maximum low-logic level of 0.6 V. These levels
are compatible with TTL devices.
Output transition times are specified as follows: All transition times are measured at the point where the output
signal crosses 1.3 V.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
1.3 V
test measurement
The test-load circuit shown in Figure 27 represents the programmable load of the tester pin electronics that is
used to verify timing parameters of the TNETX15VE output signals.
OUTPUT TEST LOAD
CL
IOH
VLOAD
IOL
Point
Test
Test
Under
Output
Where: IOH
=
Refer to IOH in recommended operating conditions.
IOL
=
Refer to IOL in recommended operating conditions.
VLOAD =
1.5 V, typical
CL
=
25 pF, typical load-circuit capacitance
Figure 27. Test and Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com