Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments TNETX15VE Datasheet HTML 36Page - Texas Instruments TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
new-address port register, newport at 0x36–0x37 (DIO)
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PORTCODE
Reserved
VLAN
OLDPORT
Initial Values After Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15–12
Reserved
Writes to this location are ignored and read as 0.
11–8
PORTCODE
Current port for node. The PORTCODE field holds the assigned port number for the address contained in
the newnode register.
7–6
Reserved
Writes to this location are ignored and read as 0.
5–4
VLAN
Port VLAN assignment. VLAN shows the VLAN code for the port contained in the newnode register. This
is a table lookup based on the port that the packet with this address was observed on via the port VLAN
assignment registers at 0x78–0xE7.
3–0
OLDPORT
Old port for address. When an address moves port locations, OLDPORT contains the old port location for
the address. When a security-violation interrupt is asserted by the TNETX15VE, the SECVIO bit is set in
the int register. OLDPORT shows the port where the node attempted to move.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com