Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 9Page - Texas Instruments TNETX15VE Datasheet HTML 10Page - Texas Instruments TNETX15VE Datasheet HTML 11Page - Texas Instruments TNETX15VE Datasheet HTML 12Page - Texas Instruments TNETX15VE Datasheet HTML 13Page - Texas Instruments TNETX15VE Datasheet HTML 14Page - Texas Instruments TNETX15VE Datasheet HTML 15Page - Texas Instruments TNETX15VE Datasheet HTML 16Page - Texas Instruments TNETX15VE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions
general notation notes
Hexadecimal notation: Leading 0, followed by lower case x, then hex digits, with space or punctuation
delimiters on both ends. A...F are equivalent to a...f (example: 0x12bc, 0x12BC)
Binary notation:
Trailing lower-case b after string composed of only 1 or 0, with space or punctuation
delimiters on both ends (example: 101011b).
Decimal notation:
A number composed of 0...9 digits with no prefix or suffix, with a space or
punctuation delimiters on both ends (example: 23965)
The least-significant bit in a register is the lowest number.
The least-significant byte of a multibyte value is the lowest number.
node address format (Ethernet native data format)
The node addresses are kept inside TNETX15VE in Ethernet native data format. This is the same format used
when the address appears in the frame transmitted on the wire. Ethernet first transmits the least-significant bit
of a data byte on the wire. This makes the group/specific address appear in bit 40 (least-significant bit of
most-significant byte). TNETX15VE address storage format is shown in the following:
BIT
BYTE (most-significant byte)
BYTE
BYTE
BYTE
BYTE
BYTE
47
42
41
40
39
32
31
24
23
16
15
8
7
0
LOCAL/UNIVERSAL
ADDRESS
GROUP/SPECIFIC
ADDRESS
DIO register access
There are only four byte-wide DIO registers that are hardware interfaced to the DIO interface. These registers
are treated like a pointer structure to locate internal registers, some of which are interfaced to external terminals
of the device (see Figure 1). The small number of registers actually on the DIO interface give the TNETX15VE
a small I/O map requirement when designing systems; it also allows additional registers to be defined without
requiring the hardware interface to change.
To access an internal register, post both halves of the address to the DIO address-low and DIO address-high
registers and read or write the DIO data register. If the host performs a read, the internal state machine enables
the internal register at the posted address to drive the bus when the read cycle is active. If the host performs
a write to a TNETX15VE register, the value written to the data register address is transferred to the posted
address in the DIO address-low and DIO address-high registers. SRDY going low on a host read indicates that
the internal fetch was accomplished. A delay of up to 60 ns after cycle start is encountered if the resource being
requested is currently being used by an internal state machine. There are dedicated cycles for DIO to prevent
lockout, but they are allocated as 2 of 5, and DIO is asynchronous to internal processes. SRDY going low on
a host write indicates that the value written to the data register is captured and is written to the resource
addressed. For maximum throughput, SRDY should be part of the interface; if not, add 60 ns to the minimum
DIO cycle times.
If a range of consecutive (rising in order) accesses are needed, reading or writing to the DIO data auto-increment
register causes a post increment of the DIO address low and DIO address high registers after each access.
Reads and writes can be mixed in a string of accesses; the post increment is by one after each cycle.
Since the DIO address high register is not likely to need the upper bits, one of them is overloaded; that is, it is
given a special use. A complete hardware reset is accomplished by writing 0x40 to the DIO address-high
register. The DIO address-low register is a don’t care during this action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com