Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 10Page - Texas Instruments TNETX15VE Datasheet HTML 11Page - Texas Instruments TNETX15VE Datasheet HTML 12Page - Texas Instruments TNETX15VE Datasheet HTML 13Page - Texas Instruments TNETX15VE Datasheet HTML 14Page - Texas Instruments TNETX15VE Datasheet HTML 15Page - Texas Instruments TNETX15VE Datasheet HTML 16Page - Texas Instruments TNETX15VE Datasheet HTML 17Page - Texas Instruments TNETX15VE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO register access (continued)
SAD0–SAD1
SRNW
ESCS
SRDY
2
Address-High
Register
Address-Low
Register
Data Register
Auto-Increment
Register
Internal
Registers
Internal RAM
MII Interface
EEPROM Interface
TNETX15VE
Access Register
SRAM Interface
Figure 1. DIO Access (Pointer) Registers
All registers are set to their default values on a hardware reset (setting the RESET terminal high or by writing
0x40 to DIO address high). All registers, except the control register, are also set to their default values on a
software reset (setting the RESET bit high in the control register).
SAD1
SAD0
DESCRIPTION
0
0
DIO address low
0
1
DIO address high
1
0
DIO Data
1
1
DIO data auto-increment
DIO address register DIOADR at SAD1–SAD0 = 00b and 01b (host)
DIO ADDRESS HIGH
DIO ADDRESS LOW
15†
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0‡
DIOADR
BIT
NAME
FUNCTION
15–0
DIOADR
DIO address. DIOADR contains the internal DIO address used on subsequent accesses to the DIO data or DIO
data auto-increment registers. This field auto-increments (by one) on all accesses to the DIO data auto-increment
register.
Writing a value of 0x40 to DIO address high (DIO address low is ignored) places the TNETX15VE in a hardware
reset state. This action is equivalent to resetting the TNETX15VE by setting the RESET terminal low.
† Most-significant bit
‡ Least-significant bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com