Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 95 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 95 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 91Page - Texas Instruments TNETX15VE Datasheet HTML 92Page - Texas Instruments TNETX15VE Datasheet HTML 93Page - Texas Instruments TNETX15VE Datasheet HTML 94Page - Texas Instruments TNETX15VE Datasheet HTML 95Page - Texas Instruments TNETX15VE Datasheet HTML 96Page - Texas Instruments TNETX15VE Datasheet HTML 97Page - Texas Instruments TNETX15VE Datasheet HTML 98Page - Texas Instruments TNETX15VE Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
95
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Note 7 and Figure 20)
EAM routing code
NO.
PARAMETER
MIN
MAX
UNIT
1
td(EAM)1
Delay time, from EAM15–EAM0 valid to EAM15–EAM0 invalid
100
ns
2
td(EAM)2
Delay time, from OSCIN
↑ to EAM15–EAM0 valid
17
ns
NOTE 7: The TNETX3150/TNETX3150A latches the EAM data (at certain edges) on frames that write the first 64 bytes of frame data to the
DRAM. The edges where EAM is valid are shown in Figure 20. At other times, the value in EAM is not valid and is ignored by the
TNETX3150/TNETX3150A. The TNETX15VE outputs the EAM data on the rising edge of OSCIN before the TNETX3150/TNETX3150A
latches the data and holds the data until the end of the transfer burst. This ensures adequate setup and hold times for
TNETX3150/TNETX3150As EAM input. The particular frame, where the EAM code is valid, is identified by the start-of-frame (SOF)
indicator in the frames flag fields and by the DWE strobe being low. The EAM code is not valid on DRAM reads [DWE = (1)], on refresh
cycles, or on IOB buffer writes and reads.
21
OSCIN
(input)
DWE
(input)
DRAS
(input)
DCAS
(input)
Row
Col
Col
Col
Col
Col
FPTR
Data
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
DA7–DA0
DX2–DX0
(input)
DD31–DD0
(input)
DD35–DD32
(input)
EAM15–EAM0
(output)
Forward Pointer Access
440 ns
1
2
EOF
1
2
3
4
5
6
7
8
9
10 11 12 13 14
16
15
18
17
20
19
23
25
24
27
26
29
28
31
30
33
32
35
34
37
36
TNETX3150/TNETX3150A
Latches the EAM Code
Here
EAM Code Valid
12
3
4
56
78
9
10
11
12
13
16
15
17
14
Figure 20. EAM Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com