Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15VE Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments TNETX15VE Datasheet HTML 40Page - Texas Instruments TNETX15VE Datasheet HTML 41Page - Texas Instruments TNETX15VE Datasheet HTML 42Page - Texas Instruments TNETX15VE Datasheet HTML 43Page - Texas Instruments TNETX15VE Datasheet HTML 44Page - Texas Instruments TNETX15VE Datasheet HTML 45Page - Texas Instruments TNETX15VE Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
delete-node address register, delnode at 0x48–0x4D (DIO)
The delnode register is used with the DEL bit in the adddelcontrol register to allow for management deletion
of an address in the lookup table. To delete an address, the address to be deleted is placed in Ethernet native
data format in this register, the VLAN in the delVLANID register, and the DEL bit is asserted. This register
defaults to 0x00.00.00.00.00.00 after reset. When the DEL state machine is operating, this register is locked
and no writes are performed to it.
delete VLANID register, delVLANID at 0x4E (DIO), byte 2
BIT
7
6
5
4
3
2
1
0
Reserved
VLANID
Initial Values After Reset
0
0
0
0
0
0
0
0
When the DEL bit in the adddelcontrol register is set, the delVLANID register contains VLANID code for the node
contained in the delnode registers. When the DELV bit is set, all addresses corresponding to this VLAN are
deleted. In this case, the delnode and delport registers are don’t cares.
This register is read/writeable. When performing a DEL or DELV operation, this register is locked and no writes
are made to it. A DELP operation does not lock this register.
delete port register, delport at 0x4F (DIO), byte 3
BIT
7
6
5
4
3
2
1
0
Reserved
Delport
Initial Values After Reset
0
0
0
0
0
0
0
0
The delport register is used with the DELP bit in the adddelcontrol register to delete all addresses assigned to
this port. In this mode, the delnode and delVLANID registers are don’t cares. This register is read/writeable. This
register is locked when in a DELP operation. No writes are made to this register while in the locked state. A DEL
or DELV command does not lock this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com